Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA011 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STA011
Description  L-band RF front-end for digital radio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA011 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STA011 Datasheet HTML 22Page - STMicroelectronics STA011 Datasheet HTML 23Page - STMicroelectronics STA011 Datasheet HTML 24Page - STMicroelectronics STA011 Datasheet HTML 25Page - STMicroelectronics STA011 Datasheet HTML 26Page - STMicroelectronics STA011 Datasheet HTML 27Page - STMicroelectronics STA011 Datasheet HTML 28Page - STMicroelectronics STA011 Datasheet HTML 29Page - STMicroelectronics STA011 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
Programming specifications
STA011
26/38
6
Programming specifications
6.1
RFPLL
6.1.1
Loop divider division ratio
M counter
Notes
D119
D118
D117
D116
D115
D114
D113
D112
……
…
…
…
…
…
…
0
0
1
0
1
1
1
0
M=46, startup configuration
……
…
…
…
…
…
…
0
0
111
0
0
0
……
…
…
…
…
…
…
A counter
K (fractional)
Description
D111
D110
D109
D108
D107
D106
D105
D104
N=M*P+A+K/32 (P=8)
10111
001
…
……………
……
00010
100
N=368.625, LO1=368.625x3.68=
1356.54 MHz, startup
configuration
…
……………
……
11000
111
…
……………
……
10111
001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com