Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA011 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA011
Description  L-band RF front-end for digital radio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA011 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA011 Datasheet HTML 7Page - STMicroelectronics STA011 Datasheet HTML 8Page - STMicroelectronics STA011 Datasheet HTML 9Page - STMicroelectronics STA011 Datasheet HTML 10Page - STMicroelectronics STA011 Datasheet HTML 11Page - STMicroelectronics STA011 Datasheet HTML 12Page - STMicroelectronics STA011 Datasheet HTML 13Page - STMicroelectronics STA011 Datasheet HTML 14Page - STMicroelectronics STA011 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
STA011
Electrical specifications
11/38
NFtrim
Noise figure @
minimum gain
Measurements condition: Input
LNI, NLNI pins; output SIP,SIN
pins,RL=200Ω, Rext=0, Rs=50Ω
6.5
8.5
dB
IIP3
Input IP3
Input LNI, NLNI pins; output
SIP,SIN pins.
RL=200Ω, PADj1,2 pins floating
-21
-17
-12
dBm
IIP3trim
Input IP3 @
minimum gain
Input LNI, NLNI pins; output
SIP,SIN pins.
RL=200Ω, Rext=0
-18
-14.5
-7
dBm
1dB C.P.
1dB compression
point
Input LNI, NLNI pins; output
SIP,SIN pins.
RL=200Ω,PADj1,2 pins floating
-29
-26
dBm
1dB C.P.trim
1dB compression
point
Input LNI, NLNI pins; output
SIP,SIN pins.
RL=200Ω, Rext=0
-27
-24
dBm
IR
Image rejection
RFin = LO-IF
15
dB
REXT trim
REXT usable range
Connected between PADJ1 and
PADJ2, to obtain intermediate
gain between min and max
10
100
k
Ω
IF1leak
LO1 to IF1 leakage
-24
dBm
RFleak
LO1 to RF leakage
-29
dBm
VDC,RFin
LNI,NLNI common
mode DC voltage
AC coupled to the balun
VP-1.3
VP-1.1
VP-0.9
V
VDC,IFout
SIP,SIN common
mode DC voltage
AC coupled to the SAW filter
VP-1.45
VP-1.2
VP-0.95
V
Table 7.
LNA, RF mixer and IF1 buffer, (Tamb = 25°C, VP-VN = 3V) (continued)
Symbol
Parameter
Test conditions/notes
Min.
Typ.
Max.
Unit
Table 8.
IFVGA amplifiers, IF mixer and output buffer (Tamb = 25°C, VP-VN = 3V)
Symbol
Parameter
Test conditions/notes
Min.
Typ.
Max.
Unit
BWi
Input signal BW
114
116.5
MHz
BWo
Output BW
0.6
3.1
MHz
Gmin
Minimum gain
Input SOP, SON pins; output
RXI,RXIN pins, RLoad high
impedance, VAGC1,2 = 0V
32
38
dB
Gmax
Maximum gain
Input SOP, SON pins; output
RXI,RXIN pins, RLoad high
impedance, VAGC1,2 = 3V
80
86
dB
IAGC
Input current in AGC pin
10
µA
ZAGC
AGC input impedance
150
600
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com