Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA011 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA011
Description  L-band RF front-end for digital radio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA011 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA011 Datasheet HTML 10Page - STMicroelectronics STA011 Datasheet HTML 11Page - STMicroelectronics STA011 Datasheet HTML 12Page - STMicroelectronics STA011 Datasheet HTML 13Page - STMicroelectronics STA011 Datasheet HTML 14Page - STMicroelectronics STA011 Datasheet HTML 15Page - STMicroelectronics STA011 Datasheet HTML 16Page - STMicroelectronics STA011 Datasheet HTML 17Page - STMicroelectronics STA011 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Electrical specifications
STA011
14/38
Nprog1
RF PLL selectable
division ratios
From REF1 to LO1,
fcomp=3.68MHz
360.75
(363.625
1st used)
376.5
(373.75
last used)
Nprog2
IF PLL selectable
division ratios
fcomp=113.23KHz
987
1034
1081
NREF1
REF1 division ratio
Programmable via software
mode
14
16
NREF2
REF2 division ratio
Programmable via software
mode
130
Table 11.
PLLs, Synthesizers, (Tamb = 25°C, VP-VN = 3V) (continued)
Symbol
Parameter
Test conditions/notes
Min.
Typ.
Max.
Unit
Table 12.
RF VCO, (Tamb = 25°C°C, VP-VN = 3V)
Symbol
Parameter
Test conditions/notes
Min.
Typ.
Max.
Unit
fosc
VCO frequency
oscillation
2676.28
2750.8
MHz
FLO1_1
LO1 frequency range
after divider by 2, by using
14.72MHz crystal
1338.14
1375.4
MHz
FLO1_2
LO1 frequency range
after divider by 2, by using
14.725MHz crystal
1338.134375 to 1375.407031
MHz
VFLT1
Freq control voltage
range
FLT1 pin
VN+0.2
VP-0.2
V
Table 13.
IF VCO, (Tamb = 25°C, VP-VN = 3V)
Symbol
Parameter
Test conditions/notes
Min.
Typ.
Max.
Unit
fosc
VCO frequency
oscillation
894.08
936.64
979.2
MHz
fLO2_1
LO2 frequency range
after divider by 8, by using
14.72MHz crystal
111.76
117.08
122.4
MHz
fLO2_2
LO2 frequency range
after divider by 8, by using
14.725MHz crystal
111.8
117.12
122.44
MHz
VFLT2
Frequency control
voltage range
FLT2 pin
VN+0.2
VP-0.2
V
Table 14.
Digital interface to MP (SCL,SDA,TLCK), ENRFOSC and XOSEL interface
(Tamb = 25°C, VP-VN = 3V)
Symbol
Parameter
Test conditions/notes
Min.
Typ.
Max.
Unit
Input parameters (SCL, SDA, ENRFOSC, XOSEL)
VIH
Digital input signals
High
VP-.7
VP
V
VIL
Low
VN
VN+.7
V
Tt
Input edge transition
0.1
µs/V
Rin
Input resistance
10
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com