Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA011 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA011
Description  L-band RF front-end for digital radio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA011 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA011 Datasheet HTML 14Page - STMicroelectronics STA011 Datasheet HTML 15Page - STMicroelectronics STA011 Datasheet HTML 16Page - STMicroelectronics STA011 Datasheet HTML 17Page - STMicroelectronics STA011 Datasheet HTML 18Page - STMicroelectronics STA011 Datasheet HTML 19Page - STMicroelectronics STA011 Datasheet HTML 20Page - STMicroelectronics STA011 Datasheet HTML 21Page - STMicroelectronics STA011 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
I2C-bus interface
STA011
18/38
5.1.7
Transmission without acknowledge
To avoid detecting an acknowledge from the STA011, the µP can use a simpler
transmission: simply it waits one clock period without checking the STA011 acknowledging,
and sends the new data. This approach of course is less protected from data corruption.
5.1.8
Device addressing
To start the communication between the master and the STA011, the master must initiate
with a start condition. Following this, the master sends onto the SDA line 8 bits (MSB first)
corre-sponding to the device select address and read or write mode.
The first 7 MSB`s are the device address identifier, corresponding to the I2C-bus definition.
For the STA011 these are fixed as 110000A. The A bit is reset to 0 internally by a pull-down
re-sistor but it can be changed through the corresponding external pin Address. In this way if
the Address pin is floating the address is fixed to the previous configuration (110000),
otherwise if the pin is set high the address is fixed to 1100001.
The 8th bit (LSB) is the read or write operation bit (RW; set to 1 in read mode and to 0 in
write mode). After a START condition the STA011 identifies on the Bus the device address
and, if matched, it will acknowledge the identification on the SDA bus during the 9th clock
pulse.
The following byte after the device identification byte, is the internal sub-address byte that
provides access to any of the internal registers.
5.1.9
Write operation (single byte write)
Following a START (S) condition the master sends a device select code with the RW bit set
to 0. The I2C gives the acknowledgement and waits for the 1 byte of internal sub address.
This byte provides access to any of the internal registers.
After the reception of the internal byte sub address the I2C again responds with an acknowl-
edgement. The master terminates the transfer by generating a STOP (P) condition.
A single byte write with sub-address 00H would affect DATA_OUT[119:112], so a single byte
write with sub-address 02H would affect DATA_OUT[103:96] and so on
A single byte address with sub-address out of ranges 00H - 0FH produces
illegal_subaddress signal to go high and DATA_OUT[119:0] will not change until a
successive write operation request with the correct range for sub-address will be made.
For example if the sub-address is 15H will be produced illegal_subaddress = '1' and
DATA_OUT will no change.
5.1.10
Write operation (multibyte write)
The multi-byte write mode can start from any internal sub address (the same as a single
byte write).
Following a START (S) condition the master sends a device select code with the RW bit set
to 0. The I2C gives the acknowledgement and waits for 1 byte from the internal sub address.
This byte provides the starting byte of the internal registers.
S
110000A
R/W 0
ack
Sub-address byte
ack
DATA IN
ack
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com