Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA011 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA011
Description  L-band RF front-end for digital radio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA011 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA011 Datasheet HTML 23Page - STMicroelectronics STA011 Datasheet HTML 24Page - STMicroelectronics STA011 Datasheet HTML 25Page - STMicroelectronics STA011 Datasheet HTML 26Page - STMicroelectronics STA011 Datasheet HTML 27Page - STMicroelectronics STA011 Datasheet HTML 28Page - STMicroelectronics STA011 Datasheet HTML 29Page - STMicroelectronics STA011 Datasheet HTML 30Page - STMicroelectronics STA011 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
STA011
Programming specifications
27/38
6.1.2
Reference divider division ratio
6.1.3
Blocks enable
Table 20.
Reference divider division ratio
D103
D102
D101
D100
D99
Description
Notes
000
0
1
R=1
XTAL or TCXO=14.72MHz
fcomp=14. 72MHz,
000
1
0
R=2
…
……
…
…
…
…
001
0
0
R=4
XTAL=14.72MHz
fcomp=3.68MHzKHz,
startup configuration
……
…
…
…
010
0
0
R=8
fcomp=1.84MHz
……
…
…
…
100
0
0
R=16
fcomp=.92MHz
Table 21.
Blocks enable
Description
Notes
D98
0
Divider by 2 OFF
1
Divider by 2 ON
Startup configuration
D97
0
Loop Divider OFF
1
Loop Divider ON
Startup configuration
D96
0
Charge Pump OFF
1
Charge Pump ON
Startup configuration
D91
0
Prescaler OFF
1
Prescaler ON
Startup configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com