Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 117 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button ADE3800_05 Datasheet HTML 113Page - STMicroelectronics ADE3800_05 Datasheet HTML 114Page - STMicroelectronics ADE3800_05 Datasheet HTML 115Page - STMicroelectronics ADE3800_05 Datasheet HTML 116Page - STMicroelectronics ADE3800_05 Datasheet HTML 117Page - STMicroelectronics ADE3800_05 Datasheet HTML 118Page - STMicroelectronics ADE3800_05 Datasheet HTML 119Page - STMicroelectronics ADE3800_05 Datasheet HTML 120Page - STMicroelectronics ADE3800_05 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 138 page
background image
117/138
ADE3800
Register Description by Block
ANA_LVDSSW_VC
0068
[6:4]
R/W
00
LVDS & RSDS Output Common Mode Adjustment
0*: 1.093V
1: 1.119V
2: 1.145V
3: 1.171V (normal)
4: 1.197V
5: 1.223V
6: 1.259V
7: 1.274V
[3:0]
LVDS & RSDS Swing Adjustment
0*: 170mV (normal)
F: 475mV
LSB = 20mV (typ)
ANA_LVDSCOMPV
0069
[6:4]
00
VRL regulator current adjust
0*: off
1: 18uA (normal)
2: 36uA
3: 54uA
4: 72uA
5: 90uA
6: 108uA
7: 126uA
[2:0]
VRH regulator current adjust
0*: off
1: 18uA (normal)
2: 36uA
3: 54uA
4: 72uA
5: 90uA
6: 108uA
7: 126uA
Table 41: LVDS/RSDS Registers (Sheet 4 of 5)
Register Name
Address
Bits
Mode
Rst
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com