Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 120 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button ADE3800_05 Datasheet HTML 116Page - STMicroelectronics ADE3800_05 Datasheet HTML 117Page - STMicroelectronics ADE3800_05 Datasheet HTML 118Page - STMicroelectronics ADE3800_05 Datasheet HTML 119Page - STMicroelectronics ADE3800_05 Datasheet HTML 120Page - STMicroelectronics ADE3800_05 Datasheet HTML 121Page - STMicroelectronics ADE3800_05 Datasheet HTML 122Page - STMicroelectronics ADE3800_05 Datasheet HTML 123Page - STMicroelectronics ADE3800_05 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 138 page
background image
Register Description by Block
ADE3800
120/138
4.21 I²C Block Transfer (I2CBKT)
The block transfer function allows the internal I²C parallel bus to be driven by an xclk state machine
to perform fast block transfers between internal addresses without any MCU software overhead.
Transfer speed is approximately 2MByte per second under typical conditions.
4.21.1 Transfer Setup and Start
Writing the bit I2CBKT_CTRL[0] to 1 initiates the transfer, according to all source and destination
parameters (addresses, length):
● Length for source is programmable to allow repeated patterns/fills, such as filling an entire area
with the same byte(s)
● An increment register for the destination allows to fill it only every n
th byte
Depending on the increment value, the destination length must be programmed as follows:
● If I2CBKT_CTRL[3:2]=0 (or =1 with I2CBKT_INC=1): DESLEN = nb of bytes to transfer
● If I2CBKT_CTRL[3:2]=1 with I2CBKT_INC>1: DESLEN = (nb of bytes to transfer * INC) - 1
The transfer can either take place immediately, or be initiated by a number of selectable events
coming from SMUX or TCON, as programmed in I2CBKT_CTRL[6:4].
Transfers can occur between RAM or registers or both, but cannot take place in the own registers of
the I2CBKT block (refer to Section 4.21.3: Concurrent I2C Transfers below).
Source and destination addresses cannot overlap.
Data can be either transferred from source to destination (one way) or swapped between them,
depending on I2CBKT_CTRL[1].
4.21.2 Transfer Progress
The status bit I2CBKT_STATUS[0] is set to 1 by hardware as soon as the transfer actually starts,
and falls back to 0 when the transfer is completed.
Note:
It is the software’s duty to write I2CBKT_CTRL[0] to 0 upon transfer completion, before preparing
any new subsequent I2CBKT transfer.
4.21.3 Concurrent I2C Transfers
While the I2CBKT block is operating, only I2C accesses from MCU to the I2CBKT registers listed
below are allowed: any I2C access to other adresses will take priority and stop the I2CBKT transfer
in progress in an unknown state (there is no way to tell which bytes have been transferred up to that
point).
PWM_STEP_DELAY
01A8
R/W
[7:0]
00
In smooth change mode, the number of
cycles skipped before the period/duty
registers are incremented/decremented
PWM_CYCLES_PER_FRAME_L
PWM_CYCLES_PER_FRAME_U
01A9
01AA
R/W
R/W
[7:0]
[7:0]
00
00
The number of cycles per frame in frame lock
mode when not using the internally generated
cycles per frame from a previous free-running
mode
Table 43: PWM Registers (Sheet 2 of 2)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com