Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 58 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ADE3800 Datasheet HTML 54Page - STMicroelectronics ADE3800 Datasheet HTML 55Page - STMicroelectronics ADE3800 Datasheet HTML 56Page - STMicroelectronics ADE3800 Datasheet HTML 57Page - STMicroelectronics ADE3800 Datasheet HTML 58Page - STMicroelectronics ADE3800 Datasheet HTML 59Page - STMicroelectronics ADE3800 Datasheet HTML 60Page - STMicroelectronics ADE3800 Datasheet HTML 61Page - STMicroelectronics ADE3800 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 138 page
background image
Register Description by Block
ADE3800
58/138
Only 2 kernels can be blended together. Smooth wins over Sharp.
Context Mixing Equations:
contrast = max(max(R0,R1,..)-min(R0,R1,..), max(G0,G1,..)-min(G0,G1,..), max(B0,B1,..)-
min(B0,B1,..)), 6b value, [0..63]
sharp_mix = clip((contrast >> (3-sharp_slope)) – sharp_offset, 0 , sharp_clip), 4b value, [0..15]
smooth_mix = (sharp_mix == 0) * (15 – clip((contrast << smooth_slope), 0, 15)), 4b value, [0..15]
normal_mix = 16 – sharp_mix – smooth_mix, [1,,16]
Note:
It is recommended to enable the context feature all the time with:
● SCL_CONTEXT_0 = 01
● SCL_CONTEXT_1 = 80
4.10.3 Scale Kernel Example
Recommended kernel is:
● Nearest Neighbor for 1X scale modes (no scaling)
● Cubic for > 1X scale modes (upscaling)
● Bilinear for < 1X scal modes (downscaling)
Register
Address
No Scaling
Down Scaling
Up Scaling
Nearest Neighbor
Bilinear
“-0.7” Cubic
“-0.5” Cubic
H_KERNEL_0
0A10
00
00
00
00
100%
Smooth
Slope
Normal
Kernel
Sharp Clip
Sharp
Input Contrast
Sharp Slope
Sharp Offset
Output Mix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com