Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 67 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ADE3800 Datasheet HTML 63Page - STMicroelectronics ADE3800 Datasheet HTML 64Page - STMicroelectronics ADE3800 Datasheet HTML 65Page - STMicroelectronics ADE3800 Datasheet HTML 66Page - STMicroelectronics ADE3800 Datasheet HTML 67Page - STMicroelectronics ADE3800 Datasheet HTML 68Page - STMicroelectronics ADE3800 Datasheet HTML 69Page - STMicroelectronics ADE3800 Datasheet HTML 70Page - STMicroelectronics ADE3800 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 138 page
background image
67/138
ADE3800
Register Description by Block
PGEN_P0_SEQ_COL0_COL1 = 70 bar 0 does not block any of the R G B colors
PGEN_P0_COLOR_B_C0 = 00
PGEN_P0_COLOR_G_C0 = FF define color C0 as light green
PGEN_P0_COLOR_B_C0 = 00
PGEN_ENABLE = 01 enable PGEN
This displays a thick green block that surrounds the original picture in the center.
Now, if PGEN_P0_GRADDELTA_G = FF and PGEN_P0_GRADSTEP_X = 05, the solid green is
turned into one linear horizontal shade of green, evenly spread over the horizontal axis from left
(light green) to right (black).
Additionally, if PGEN_P0_MODE = 02, the gradient registers are preset to color C0 each time a new
grid cell is displayed; this gives 8 distinct shades of green (1 per cell) across the display.
Example 2
PGEN_GRID0, 2, 4, 6 = 00 all cells of these grids display the pattern
PGEN_GRID1, 3, 5, 7= 80 1st cell of these grids displays the real picture
PGEN_GRID_X_L = 00, PGEN_GRID_X_H = 05 the 1st cell takes the entire display width
PGEN_GRID_Y_L = 1024 / 8 lines across screen = 80, PGEN_GRID_Y_H = 00 one cell takes 1/8th
of the display height, so that all 8 grids will be displayed
PGEN_P0_MODE = 80 color C0 uses 4 bars (bars 0 1 2 3)
PGEN_P0_SEQ_COL0_COL1 = 74
● bar 0 does not block any of the R G B colors (displays C0 as is)
● bar 1 blocks G and B colors (displays R only)
PGEN_P0_SEQ_COL2_COL3 = 21
● bar 2 blocks R and B colors (displays G only)
● bar 3 blocks R and G colors (displays B only)
PGEN_P0_COLOR_B_C0 = PGEN_P0_COLOR_G_C0 = PGEN_P0_COLOR_B_C0 = 00: C0 is
black
PGEN_P0_GRADDELTA_R = PGEN_P0_GRADDELTA_G = PGEN_P0_GRADDELTA_B = 01: R G
B color components of C0 gradually increase from left to right
PGEN_P0_GRADSTEP_X = 05: shade is evenly spread over the horizontal axis
PGEN_ENABLE = 01 enable PGEN
This displays a complex pattern made of 8 horizontal rows:
● 1st row (= bar 0) displays a shade of white, from left (black) to right (white)
● 3rd row (= bar 1) displays a shade of red, from left (black) to right (light red)
● 5th row (= bar 2) displays a shade of green, from left (black) to right (light green)
● 7th row (= bar 3) displays a shade of blue, from left (black) to right (light blue)
● 2nd, 4th, 6th and 8th rows display the original picture
When displaying the same pattern from an external pattern generator, since each row of each color
is displayed side by side with the same reference shade row generated by the PGEN, defects can
be spotted immediately. This is a very useful test to see possible ADC or panel defects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com