Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ADE3800 Datasheet HTML 6Page - STMicroelectronics ADE3800 Datasheet HTML 7Page - STMicroelectronics ADE3800 Datasheet HTML 8Page - STMicroelectronics ADE3800 Datasheet HTML 9Page - STMicroelectronics ADE3800 Datasheet HTML 10Page - STMicroelectronics ADE3800 Datasheet HTML 11Page - STMicroelectronics ADE3800 Datasheet HTML 12Page - STMicroelectronics ADE3800 Datasheet HTML 13Page - STMicroelectronics ADE3800 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 138 page
background image
General Description
ADE3800
10/138
Output Mux (OMUX)
An extension of the ADE3700 output mux block. The major changes are:
- LVDS controls
- RSDS split line buffer
Timing Controller (TCON)
Provides timing for Smart Panel applications and other applications that are sensitive to
output synchronization timing. The timing unit is based on horizontal and vertical counters,
which are locked with the output video stream.
LVDS/RSDS Features
Has the following features:
- Power down
- Output swing and common mode programmable
- Individual channel programmable delay
- Programmable LVDS clock output polarity
Pulse Width Modulation (PWM)
Generates two signals that can be used to control backlight inverter switching power
components directly. It is derived from XCLK and can be powered up independently of the
DOTCLK and INCLK domains.
I²C Block Transfer (I2CBKT)
Allows the internal I2C parallel bus to be driven by an xclk state machine to perform rapid
block transfers between internal addresses.
I²C Registers and RAM Addresses
Memory mapping of all RAM and register locations accessible by I²C.
Table 2: ADE3800 Block Descriptions
Block
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com