Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 69 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ADE3800 Datasheet HTML 65Page - STMicroelectronics ADE3800 Datasheet HTML 66Page - STMicroelectronics ADE3800 Datasheet HTML 67Page - STMicroelectronics ADE3800 Datasheet HTML 68Page - STMicroelectronics ADE3800 Datasheet HTML 69Page - STMicroelectronics ADE3800 Datasheet HTML 70Page - STMicroelectronics ADE3800 Datasheet HTML 71Page - STMicroelectronics ADE3800 Datasheet HTML 72Page - STMicroelectronics ADE3800 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 138 page
background image
69/138
ADE3800
Register Description by Block
Note:
It is recommended to limit the range of all red/green/blue correction registers and black/red/green/
blue/yellow/cyan/magenta/white delta registers to [-64..+63] to avoid color overflow/underflow
computation.
Table 27: sRGB Registers (Sheet 1 of 2)
Register Name
Addr
Mode
Bits
Rst
Description
SRGB_CTRL0
0D00
R/W
[7:6]
00
Gain control of sRGB coeff values
0*: gain = 1 (half step)
1: gain = 2 (single step)
2: gain = 4 (double step)
R/W
[5:4]
00*: gamma2 disabled
01: gamma2 full screen
10: gamma2 windowed
11: reserved
R/W
[3:2]
00*: gamma1 disabled
01: gamma1 full screen
10: gamma1 windowed
11: reserved
R/W
[1:0]
00*: srgb disabled
01: srgb full screen
10: srgb windowed
11: reserved
SRGB_CTRL1
0D01
R/W
[4]
00
0*: dither pattern disabled (normal)
SRGB_CTRL2
0D02
R/W
[3]
00
White point saturation inside gamma2 window
0*: disabled
1: enabled
R/W
[2]
White point saturation inside gamma1 window
0*: disabled
1: enabled
R/W
[1]
White point saturation inside srgb window
0*: disabled
1: enabled
R/W
[0]
White point saturation over full screen
0*: disabled
1: enabled
SRGB_BLACK_B
0D03
R/W
[7:0]
00
black point bluedelta
SRGB_BLACK_G
0D04
R/W
[7:0]
00
black point green delta
SRGB_BLACK_R
0D05
R/W
[7:0]
00
black point red delta
SRGB_RED_B
0D06
R/W
[7:0]
00
red point blue delta
SRGB_RED_G
0D07
R/W
[7:0]
00
red point green delta
SRGB_RED_R
0D08
R/W
[7:0]
00
red point red delta
SRGB_GREEN_B
0D09
R/W
[7:0]
00
green point bluedeltablue
SRGB_GREEN_G
0D0A
R/W
[7:0]
00
green point green delta
SRGB_GREEN_R
0D0B
R/W
[7:0]
00
green point reddelta
SRGB_BLUE_B
0D0C
R/W
[7:0]
00
blue point bluedelta
SRGB_BLUE_G
0D0D
R/W
[7:0]
00
blue point green delta
SRGB_BLUE_R
0D0E
R/W
[7:0]
00
blue point red delta



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com