Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ADE3800 Datasheet HTML 32Page - STMicroelectronics ADE3800 Datasheet HTML 33Page - STMicroelectronics ADE3800 Datasheet HTML 34Page - STMicroelectronics ADE3800 Datasheet HTML 35Page - STMicroelectronics ADE3800 Datasheet HTML 36Page - STMicroelectronics ADE3800 Datasheet HTML 37Page - STMicroelectronics ADE3800 Datasheet HTML 38Page - STMicroelectronics ADE3800 Datasheet HTML 39Page - STMicroelectronics ADE3800 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 138 page
background image
Register Description by Block
ADE3800
36/138
4.7
Input Sync Measurement (SMEAS)
The SMEAS block monitors input activity and measures input sync signals from all sources. All
unused and reserved bits return as zero. SMEAS operates in the crystal clock (xclk) domain.
Input Sync Functions:
● Activity Detection: detects input activity
● Measurement: measures sync period and width
4.7.1
Input Sync - Activity Detection
The activity block measures all sync sources in parallel. An active channel is defined as having a
programmable number of rising edges within a programmable number of xclk cycles (= sample
period). Activity limits are set per channel class: clkdiv1k and HSync; vsync. The activity results are
updated each sample period.
Software can select either:
● One shot: one time measurement
● Free Run: continuously running measurements
Figure 7: VSync Up/Down Counter
Composite
Sync
H Pulse
V Pulse
1/8
1/4
3/4
7/8
Threshold
UP
UP
DOWN
DOWN
OK: good
if V Pulse width was too short for the chosen threshold
(counter reaches 3/4th but goes down before 7/8th is reached):
Bad sync bit SRT_VS_SEL[3] would be set
threshold
Extracted
VSync
up at 7/8
down at 1/8
BAD SYNC AREA
0
error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com