Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 64 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ADE3800 Datasheet HTML 60Page - STMicroelectronics ADE3800 Datasheet HTML 61Page - STMicroelectronics ADE3800 Datasheet HTML 62Page - STMicroelectronics ADE3800 Datasheet HTML 63Page - STMicroelectronics ADE3800 Datasheet HTML 64Page - STMicroelectronics ADE3800 Datasheet HTML 65Page - STMicroelectronics ADE3800 Datasheet HTML 66Page - STMicroelectronics ADE3800 Datasheet HTML 67Page - STMicroelectronics ADE3800 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 138 page
background image
Register Description by Block
ADE3800
64/138
The borders override the graphic pattern. In addition, the left and right edges override the top and
bottom ones: for example, when both left and top side borders are enabled, the upper left corner
has the color of the left side border.
Example:
PGEN_ENAB = 01 enables PGEN
PGEN_X_TOT_L = 00, PGEN_X_TOT_H = 05 considering that the panel is 1280 pixels wide
PGEN_Y_TOT_L = 00, PGEN_Y_TOT_H = 04 considering that the panel is 1024 pixels high
PGEN_B_TOP_BOT = EE adds a yellow horizontal borderline to top and bottom of display area
PGEN_B_LFT_RHT = 9A adds a blue vertical borderline to the left and a green one to the right
4.11.5 TCON Window Control
Normally, the whole PGEN block is enabled if its global enable bit PGEN_ENAB[0] is set.
If it is not set but the bit PGEN_ENAB[1] is set instead, the programmed pattern will show only
inside a rectangular window defined by the associated TCON signal TCON_X_PGEN. Outside this
window, the input video stream will be displayed as generated by the scaler.
Note:
If the global enable bit PGEN_ENAB[0] is set, it has priority over PGEN_ENAB[1].
White
1
1
1
7
Table 25: Pattern Generator Registers (Sheet 1 of 3)
Register Name
Addr
Mode
Bits
Rst
Description
PGEN_ENAB
0600
R/W
[1]
00
Window control via TCON signal
0*: disable, use global enable bit 0 below
1: enable PGEN by TCON_X_PGEN
R/W
[0]
Global PGEN enable bit
0*: disable
1: enable
(this bit overrides bit 1 above)
PGEN_X_TOT_L
PGEN_X_TOT_U
0601
0602
R/W
R/W
[7:0]
[3:0]
00
00
screen total horizontal size in pixels
Table 24: Borders Colors
Colour
Red
Green
Blue
Value
PGEN pattern
displayed here
TCON window
input
video
signal
displayed
everywhere
else



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com