Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ADE3800 Datasheet HTML 3Page - STMicroelectronics ADE3800 Datasheet HTML 4Page - STMicroelectronics ADE3800 Datasheet HTML 5Page - STMicroelectronics ADE3800 Datasheet HTML 6Page - STMicroelectronics ADE3800 Datasheet HTML 7Page - STMicroelectronics ADE3800 Datasheet HTML 8Page - STMicroelectronics ADE3800 Datasheet HTML 9Page - STMicroelectronics ADE3800 Datasheet HTML 10Page - STMicroelectronics ADE3800 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 138 page
background image
7/138
ADE3800
General Description
2
General Description
The ADE3800 family of devices is capable of implementing all of the advanced features of todays
LCD monitor products. For maximum flexibility, an external microcontroller (MCU) is used for
controlling the ADE3800 and other monitor functions.
The ADE3800 architecture unburdens the MCU from all data-intensive pixel manipulations,
providing an optimal blend of features and code customizing without incurring the cost of a 16-bit
processor or memory. The key interactions between the monitor MCU and the ADE3800 can be
broken down into the features shown in Table 1.
Figure 1: ADE3800 Block Diagram
Table 1: ADE3800 Features (Sheet 1 of 2)
Feature
Description of ADE3800 Operation
Blocks Used
Pages
Power-up / Initialize When power is first applied, the ADE3800 is asynchronously reset from a pin.
The MCU typically programs the ADE3800 with a number of default values and
sets up the ADE3800 to identify activity on any of the input pins. All pre-
configured values and RAMs, such as line-lock PLL settings, OSD characters,
LCD timing values (output sequencer), scale kernels, gamma curves, sRGB
color warp, APC dithering, output pin configuration (OMUX), etc. can be pre-
loaded into the ADE3800. The typical end state is that the ADE3800 is
initialized into a low power mode, ready to turn active once the power button is
pressed.
GLBL
SMEAS
LLK
ADC
OSD
SCALER
GAMMA
SRGB
TCON
APC
OMUX
18
36
30
21
72
53
71
68
102
92
94
Activity Detect
When the monitor has been powered on, the inputs can be monitored for active
video sources. Based on the activity monitors, the MCU chooses an input or
power down state.
SMEAS
36
ADE3800
SCLK
Domain
DCLK
Domain
INCLK
Domain
XCLK
Domain
MCU (SCL, SDA)
Analog
H&V
Syncs
Analog
R, G, B
Data
TCON
Out Data
Syncs, &
Clock
I²C
PWM
Pulse Width
Modulation
SMEAS
Sync
Measure
SRT
Sync
Retiming
GLBL
Global
Control
LLK
Line Lock
PLL
SMUX
Sync
Multiplexer
DMEAS
Data
Measure
ADC
(Digital)
ADC
(Analog)
SCL
Scaler
TCON
Timing
Controller
FLK
Flicker
Detection
DCLK
PLL, FM
SCLK
PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com