Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 62 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ADE3800 Datasheet HTML 58Page - STMicroelectronics ADE3800 Datasheet HTML 59Page - STMicroelectronics ADE3800 Datasheet HTML 60Page - STMicroelectronics ADE3800 Datasheet HTML 61Page - STMicroelectronics ADE3800 Datasheet HTML 62Page - STMicroelectronics ADE3800 Datasheet HTML 63Page - STMicroelectronics ADE3800 Datasheet HTML 64Page - STMicroelectronics ADE3800 Datasheet HTML 65Page - STMicroelectronics ADE3800 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 138 page
background image
Register Description by Block
ADE3800
62/138
Note:
The values wrap over FF: for example, a value of FF for GRADDELTA will decrease the color by 1 (if
GRADDELTA was 50: 50+FF=4F=GRADDELTA-1)
All kinds of color shades can be achieved by wisely using the above parameters.
4.11.3 8 x 8 Grid Layout with Optional Resets
A cell is a graphic element grouped by 8 in a grid. A set of 8 Grid Registers PGEN_GRID0 to
PGEN_GRID7 represents an 8x8 bitmap where each bit represents one rectangular cell: this
makes a total grid of 8x8 cells.
Each cell either displays the bar pattern defined above, or the input video signal, depending on the
value in its corresponding PGEN_GRID register:
All cells have the same size, defined by one horizontal and one vertical grid pitch registers
PGEN_GRID_X and PGEN_GRID_Y (16-bit wide).
Additionally, an offset in both directions can be programmed respectively in registers
PGEN_P0_WDTH_X_OFFSET and PGEN_P0_HGHT_Y_OFFSET. It shifts the top left corner (1st
cell of Grid 0) off the display area.
Note:
The offset value, for each direction, must be less than the corresponding cell size.
The actual number of displayed cells depends on the programmed cell size:
● If it makes the complete 8x8 grid bigger than the total display area, only the cells or part of
cells that are included in the display area are displayed. Any cell (on the right and bottom
sides) outside the display area is ignored and not displayed
Pixels by increasing numbers
Grid 0
Cell
PGEN or
video signal
Grid 1
Grid 2
Grid 3
Grid 4
Grid 5
Grid 6
Grid 7
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com