Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ADE3800 Datasheet HTML 38Page - STMicroelectronics ADE3800 Datasheet HTML 39Page - STMicroelectronics ADE3800 Datasheet HTML 40Page - STMicroelectronics ADE3800 Datasheet HTML 41Page - STMicroelectronics ADE3800 Datasheet HTML 42Page - STMicroelectronics ADE3800 Datasheet HTML 43Page - STMicroelectronics ADE3800 Datasheet HTML 44Page - STMicroelectronics ADE3800 Datasheet HTML 45Page - STMicroelectronics ADE3800 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 138 page
background image
Register Description by Block
ADE3800
42/138
SMEAS_STATUS_MASK2
0135
R/W
[1]
00
Enable mute function to respond to
SMEAS_STATUS_RANGE2[1].
R/W
[0]
Enable mute function to respond to
SMEAS_STATUS_RANGE2[0].
SMEAS_ACT_POLLING
013F
R
[0]
00
Activity detection polling bit.
Toggles when new results are ready in free-run. Undefined in
one-shot mode.
SMEAS_ANA_ACT
0140
R
[7]
00
SOG2 is active
R
[6]
SOG1 is active
R
[5]
SOG0 is active
R
[4]
EXT_SOG pin is active
R
[3]
Comp vsync from EXT_SOG pin is active
R
[2]
Comp vsync from HSYNC pin is active
R
[1]
HSYNC pin is active
R
[0]
VSYNC pin is active
SMEAS_SOG_DLY12
0141
R
[7:4]
00
d2: delay in xclks between SOG1 & SOG2 falling edges
R
[3:0]
d1: delay in xclks between SOG0 & SOG1 falling edges
SMEAS_SOG_DLY34
0142
R
[7:4]
00
d4: delay in xclks between SOG1 & SOG0 rising edges
R
[3:0]
d3: delay in xclks between SOG2 & SOG1 rising edges
SMEAS_ANA_STUCK
0143
R
[4]
00
EXT_SOG is stuck at 1(high)/0(low)
R
[3]
Comp vsync from EXT_SOG is stuck at 1(high)/0(low)
R
[2]
Comp vsync from HSYNC pin is stuck at 1(high)/0(low)
R
[1]
HSYNC pin is stuck at 1(high)/0(low)
R
[0]
VSYNC pin is stuck at 1(high)/0(low)
SMEAS_XK_PER_H_L
SMEAS_XK_PER_H_M
SMEAS_XK_PER_H_U
0146
0147
0148
R
R
R
[7:0]
[7:0]
[7:0]
00
00
00
Xclks per Horizontal [7:0] (result = actual - 2)
Xclks per Horizontal [15:8]
Xclks per Horizontal [23:16]
SMEAS_XK_PER_V_L
SMEAS_XK_PER_V_M
SMEAS_XK_PER_V_U
0149
014A
014B
R
R
R
[7:0]
[7:0]
[7:0]
00
00
00
Xclks per Vertical [7:0]
Xclks per Vertical [15:8]
Xclks per Vertical [23:16]
SMEAS_H_PER_V_L
SMEAS_H_PER_V_U
014C
014D
R
R
[7:0]
[7:0]
00
00
Horizontal per Vertical [7:0]
Horizontal per Vertical [15:8]
SMEAS_XK_V_HI_L
SMEAS_XK_V_HI_M
SMEAS_XK_V_HI_U
014E
014F
0150
R
R
R
[7:0]
[7:0]
[7:0]
00
00
00
Xclks per V high
SMEAS_REF_FASTMU_L
SMEAS_REF_FASTMU_U
0132
0133
R/W
R/W
[7:0]
[3:0]
00
00
Fastmute reference, xclks per hsync, one line only
SMEAS_STATUS_TMOT
0151
R
[1]
00
Indicates that the horizontal measurement timed out. Can
only be cleared by sync reset or smeas all_clear.
R
[0]
Indicates that the vertical measurement timed out. Can only
be cleared by sync reset or smeas all_clear.
Table 17: SMEAS Register Definitions (Sheet 5 of 6)
Register Name
Addr
Mode
Bits
Rst
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com