Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 1 Page - STMicroelectronics

  ADE3800 Datasheet HTML 1Page - STMicroelectronics ADE3800 Datasheet HTML 2Page - STMicroelectronics ADE3800 Datasheet HTML 3Page - STMicroelectronics ADE3800 Datasheet HTML 4Page - STMicroelectronics ADE3800 Datasheet HTML 5Page - STMicroelectronics ADE3800 Datasheet HTML 6Page - STMicroelectronics ADE3800 Datasheet HTML 7Page - STMicroelectronics ADE3800 Datasheet HTML 8Page - STMicroelectronics ADE3800 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 138 page
background image
April 2005
1/138
Rev. 3.2
Analog LCD Display Engine for XGA and SXGA Resolutions
with Embedded LVDS and RSDS Transmitters
ADE3800
Feature Overview
■ Programmable Context Sensitive™ Filtering
■ High-quality Up-scaling and Down-scaling
■ Integrated 10-bit Triple Channel ADC/PLL
■ IQSync™ AutoSetup
■ Integrated Programmable Timing Controller
■ Integrated LVDS Transmitters
■ Integrated Pattern Generator
■ Perfect Picture™ Technology
■ sRGB 3D Color Warp
■ High performance OSD supporting 1- to 4-bpp,
proportional fonts
■ Advanced EMI reduction features
■ Serial I²C interface
■ Low power 0.15 µm process technology
■ Low cost 100-pin LQFP and 128-pin LQFP packages
■ Lead-free versions available in 2005.
General Description
ADE3800 devices are a family of highly-integrated
display engine ICs, enabling the most advanced, flexible,
and cost-effective system-on-chip solutions for analog-
only input LCD display applications.
The ADE3800 covers the full range of XGA and SXGA
analog-only monitor applications using LVDS or RSDS
interface.
The ADE3800 family is software compatible
.
LCD Scaler Product Selector
Product
Package
Output Format Support
Resolution
RSDS/TCON
LVDS
ADE3800XL
100 LQFP
Up to XGA 75 Hz
Yes
ADE3800XT
100 LQFP
Up to XGA 75 Hz
Yes
ADE3800SXL
100 LQFP
Up to SXGA 75 Hz
Yes
ADE3800SXT
128 LQFP
Up to SXGA 75 Hz
Yes
Line-Lock
PLL
Fast and accurate
•Phase
•Position
• Level
•Clock
sRGB 3D Color Warp
Temporal & Spatial
Dithering
Analog
Video
LCD
Panel
ST7 Flash Microcontroller
On-Screen
Display Engine
Pattern
Generator
Programmable Timing Controller (TCON)
EMI Reduction
• Spread Spectrum
ADE3800
I²C
adjustments of:
IQ Scaling
™
RGB
Signals
Triple
10-bit
ADC
To TFT
Engine with
Context Sensitive
™
Filtering
I²C address = 0xA8


Similar Part No. - ADE3800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ADE3800 STMICROELECTRONICS-ADE3800 Datasheet
41Kb / 3P
Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
Jul-2004
ADE3800SXL STMICROELECTRONICS-ADE3800SXL Datasheet
41Kb / 3P
Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
Jul-2004
ADE3800SXT STMICROELECTRONICS-ADE3800SXT Datasheet
41Kb / 3P
Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
Jul-2004
ADE3800XL STMICROELECTRONICS-ADE3800XL Datasheet
41Kb / 3P
Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
Jul-2004
ADE3800XT STMICROELECTRONICS-ADE3800XT Datasheet
41Kb / 3P
Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
Jul-2004
More results

Similar Description - ADE3800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ADE3700 STMICROELECTRONICS-ADE3700 Datasheet
504Kb / 89P
Analog LCD Display Engine for XGA and SXGA Resolutions
10-Jul-2003
logo
National Semiconductor ...
FPD87392 NSC-FPD87392 Datasheet
1Mb / 30P
3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS??Outputs for TFT-LCD Monitor and Notebook (SXGA/SXGA/UXGA)
logo
List of Unclassifed Man...
GM2116 ETC-GM2116 Datasheet
182Kb / 2P
ANALOG-INTERFACE ONPANEL XGA LCD CONTROLLER WITH RSDS TRANSMITTER
GM2121 ETC-GM2121 Datasheet
489Kb / 51P
SXGA LCD Monitor Controller with Integrated Analog Interface and Dual LVDS Transmitter
GM2126 ETC-GM2126 Datasheet
182Kb / 2P
ANALOG INTERFACE ONPANEL SXGA LCD CONTROLLER WITH RSDS TRANSMITTER
GM2120 ETC-GM2120 Datasheet
1Mb / 49P
XGA/SXGA LCD Monitor Controller with Intergrated Analog Interface
SD1200 ETC-SD1200 Datasheet
245Kb / 35P
Analog-Interface XGA/SXGA TFT LCD Display Controller
GM5110 ETC1-GM5110 Datasheet
1Mb / 51P
XGA/SXGA LCD Controller
logo
STMicroelectronics
ADE3800 STMICROELECTRONICS-ADE3800 Datasheet
41Kb / 3P
Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
Jul-2004
logo
National Semiconductor ...
FPD87392AXA NSC-FPD87392AXA Datasheet
135Kb / 4P
3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS??Outputs for TFT-LCD Monitor and Notebook (SXGA/SXGA/UXGA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com