Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 107 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button ADE3800 Datasheet HTML 103Page - STMicroelectronics ADE3800 Datasheet HTML 104Page - STMicroelectronics ADE3800 Datasheet HTML 105Page - STMicroelectronics ADE3800 Datasheet HTML 106Page - STMicroelectronics ADE3800 Datasheet HTML 107Page - STMicroelectronics ADE3800 Datasheet HTML 108Page - STMicroelectronics ADE3800 Datasheet HTML 109Page - STMicroelectronics ADE3800 Datasheet HTML 110Page - STMicroelectronics ADE3800 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 138 page
background image
107/138
ADE3800
Register Description by Block
TCON_INV_1
0B03
[7]
R/W
00
invert output osd_lut
[6]
R/W
invert output pgen
[5]
R/W
invert output gamma_2
[4]
R/W
invert output gamma_1
[3]
R/W
invert output srgb
[2]
R/W
invert output out_enab
[1]
R/W
invert output out_vsync
[0]
R/W
invert output out_HSync
TCON_SHADOW_CTRL
0B04
[7:4]
00
shadow target
00*: comp 0
01: comp 1
02: comp 2
03: comp 3
04: pulse 0
05: pulse 1
06: pulse 2
07: pulse 3
08: pulse 4
09: pulse 5
0A: window 0
0B: window 1
0C: window 2
0D: window 3
0E: polarity
0F: reserved
[3:2]
R/W
tcon shadow event selection
0*: (hcount == 0) && (vcount == 0)
1: (hcount == 0)
2: srtd0
3: srtd1
[1]
R/W
shadow transfer enable
- set to transfer at next event
- bit is automatically cleared when trans-
fer is complete
[0]
R/W
shadow enable
TCON_SHADOW_BUF_0
0B05
[7:0]
R/W
00
shadow buffer 0
TCON_SHADOW_BUF_1
0B06
[4:0]
R/W
00
shadow buffer 1
TCON_SHADOW_BUF_2
0B07
[7:0]
R/W
00
shadow buffer 2
TCON_SHADOW_BUF_3
0B08
[7:0]
R/W
00
shadow buffer 3
Table 39: Register Map (Sheet 2 of 7)
Register Name
Addr.
Bits
Mode
Rst
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com