Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 113 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button ADE3800 Datasheet HTML 109Page - STMicroelectronics ADE3800 Datasheet HTML 110Page - STMicroelectronics ADE3800 Datasheet HTML 111Page - STMicroelectronics ADE3800 Datasheet HTML 112Page - STMicroelectronics ADE3800 Datasheet HTML 113Page - STMicroelectronics ADE3800 Datasheet HTML 114Page - STMicroelectronics ADE3800 Datasheet HTML 115Page - STMicroelectronics ADE3800 Datasheet HTML 116Page - STMicroelectronics ADE3800 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 138 page
background image
113/138
ADE3800
Register Description by Block
TCON Example
The following is an example of a basic TCON script:
WriteByte (TCON_CTRL_EN, 0x01);// enable TCON output
// vsync start at vcount = 0, end at vcount = 1
WriteWord (TCON_PULSE_0_SET, 0x0000);// pulse 0 set = 0 (12 bit value)
WriteWord (TCON_PULSE_0_RST, 0x1001);// pulse 0 reset = 0x001 (12 bit),
// vertical pulse, comparator 0
// HSync start at hcount = 4, end at hcount = 6
WriteWord (TCON_PULSE_1_SET, 0x0004);// pulse 1 set = 0x004 (12 bit value)
WriteWord (TCON_PULSE_1_RST, 0x0006);// pulse 1 reset = 0x006, horiz pulse
// data enable start at upper left (31H,1V), ending at lower right (1311H, 1025V)
// for a 1280 x 1024 output enable
WriteWord (TCON_WINDOW_0_LEFT, 0x001F);// window 0 left edge comparison
// count = 0x01F (12 bit value)
WriteWord (TCON_WINDOW_0_RIGHT, 0x051F);// right edge count = 0x51F
WriteWord (TCON_WINDOW_0_TOP, 0x0001);// top edge count = 1
WriteWord (TCON_WINDOW_0_BOTTOM, 0x0400);// bottom edge = 0x400, window type
// select pulses and window for oHSync, ovsync, oenab
WriteByte (TCON_X_OHSYNC, 0x03);// HSync on TCON pin 0 is pulse 1
WriteByte (TCON_X_OVSYNC, 0x02);// vsync on TCON pin 0 is pulse 0
WriteByte (TCON_X_OENAB, 0x08);// out enable on pin 0 is window 0
4.19 LVDS/RSDS Features
The LVDS/RSDS block supports the following modes:
● LVDS 1 ppc
— 4 data channels + 1 clock channel – 40MHz - 85MHz
● LVDS 2 ppc
— 8 data channels + 2 clock channels – 40MHz - 70MHz
● RSDS 1 ppc
— 12 data channels + 1 clock channel – 13.5MHz - 85MHz
● RSDS 2 ppc (128 pin package only)
— 24 data channels + 2 clock channels – 13.5MHz - 70MHz
Its features are as follows:
● Power down modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com