Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB6015 Datasheet(PDF) 5 Page - Texas Instruments

Part # TUSB6015
Description  USB 2.0 High Speed Peripheral Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6015 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB6015 Datasheet HTML 1Page - Texas Instruments TUSB6015 Datasheet HTML 2Page - Texas Instruments TUSB6015 Datasheet HTML 3Page - Texas Instruments TUSB6015 Datasheet HTML 4Page - Texas Instruments TUSB6015 Datasheet HTML 5Page - Texas Instruments TUSB6015 Datasheet HTML 6Page - Texas Instruments TUSB6015 Datasheet HTML 7Page - Texas Instruments TUSB6015 Datasheet HTML 8Page - Texas Instruments TUSB6015 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TUSB6015ZQE
SLLS937
REVISION 1.4 SEPTEMBER 10, 2008
Electrical Characteristics for the Digital I/O
T
A = -30°C - 85°C, VDD18 = 1.8 V ±10%, VSS = 0 V (Unless otherwise noted)
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage
LVCMOS
0
VDD18
V
V
O
Output voltage
LVCMOS
0
VDD18
V
V
IH
High–level
input voltage
LVCMOS
0.7 x
VDD18
VDD18
V
V
IL
Low–level
input voltage
LVCMOS
0
0.3 x
VDD18
V
V
OH
High–level
output voltage
LVCMOS
I
OH
= 8mA
0.8 ×
VDD18
V
LVCMOS open–drain
I
OL = 4mA
0.22 x
VDD18
LVCMOS
I
OL = 8mA
0.22 x
VDD18
V
V
OL
Low–level output
voltage
LVCMOS
(1.5V_SWEN, 3.3V_SWEN only)
I
OL = 100uA
10
mV
I
IH
High–level input
current
LVCMOS
V
I = VI max
±1
uA
I
IL
Low–level input
current
LVCMOS
V
I = VI min
±1
uA
I
OZ
Output leakage current (high–Z)
V
I = VI max or
V
SS
±20
uA
C
i
Input Capacitance (1.8V NOR Interface)
2.43
pF
t
r, tf
Input rise/fall time
0
25
ns
5
WWW.TI.COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com