Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB6015 Datasheet(PDF) 19 Page - Texas Instruments

Part # TUSB6015
Description  USB 2.0 High Speed Peripheral Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6015 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TUSB6015 Datasheet HTML 15Page - Texas Instruments TUSB6015 Datasheet HTML 16Page - Texas Instruments TUSB6015 Datasheet HTML 17Page - Texas Instruments TUSB6015 Datasheet HTML 18Page - Texas Instruments TUSB6015 Datasheet HTML 19Page - Texas Instruments TUSB6015 Datasheet HTML 20Page - Texas Instruments TUSB6015 Datasheet HTML 21Page - Texas Instruments TUSB6015 Datasheet HTML 22Page - Texas Instruments TUSB6015 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
TUSB6015ZQE
SLLS937
REVISION 1.4 SEPTEMBER 10, 2008
Failsafe
1
Switch, if applicable
3.3V_SWEN
G3
LVCMOS
Failsafe
1
O
0
Switch Enable for 3.3V supply for Vbat/Vbus
Switch, if applicable
ACSn
G4
LVCMOS
Failsafe
1
I
In with Pull-up
Asynchronous Chip Select
ADAT3
G5
LVCMOS
Failsafe
1
I/O
In with Pull-up
Multiplexed ADDRESS.3/DATA.2
ADAT4
G6
LVCMOS
Failsafe
1
I/O
In with Pull-up
Multiplexed ADDRESS.4/DATA.3
RDY
G7
LVCMOS
tri-state
O
high z
Ready
SCSn
G8
LVCMOS
I
In with Pull-up
Synchronous Chip Select
VSS
G9
Supply
-
-
Ground
RSTn
H1
LVCMOS
Failsafe
1
I
In with Pull-up
Reset Active Low
CPEN
H2
LVCMOS
Failsafe
1
O
0
5V Charge Pump Enable, if applicable
SLEEP
H3
LVCMOS
Failsafe
1
O
0
Use for external power supply low power mode
when idle, if applicable
GPIO0
H4
LVCMOS
Failsafe
1
I/O
In with Pull-up
GPIO 0
ADAT5
H5
LVCMOS
Failsafe
1
I/O
In with Pull-up
Multiplexed ADDRESS.5/DATA.4
ADAT6
H6
LVCMOS
Failsafe
1
I/O
In with Pull-up
Multiplexed ADDRESS.6/DATA.5
ADAT7
H7
LVCMOS
Failsafe
1
I/O
In with Pull-up
Multiplexed ADDRESS.7/DATA.6
ADAT8
H8
LVCMOS
Failsafe
1
I/O
In with Pull-up
Multiplexed ADDRESS.8/DATA.7
VDD18
H9
Supply
-
-
IO Power Supply, 1.8 V
VDD18
J1
Supply
-
-
IO Power Supply, 1.8 V
VSS
J2
Supply
-
-
Ground
VDD15
J3
Supply
-
-
Digital core power supply, 1.5 V
VSS
J4
Supply
-
-
Ground
DMAREQ1
J5
LVCMOS
Failsafe
1
O
1
DMA Request 1
VDD18
J6
Supply
-
-
IO Power Supply, 1.8 V
DMAREQ0
J7
LVCMOS
Failsafe
1
O
1
DMA Request 0
VSS
J8
Supply
-
-
Ground
INT
J9
LVCMOS
Failsafe
1
O
1
Interrupt
1Failsafe means that the signal can toggle when VDD18 is not present without damaging the device.
19
WWW.TI.COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com