Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB6015 Datasheet(PDF) 16 Page - Texas Instruments

Part # TUSB6015
Description  USB 2.0 High Speed Peripheral Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6015 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB6015 Datasheet HTML 12Page - Texas Instruments TUSB6015 Datasheet HTML 13Page - Texas Instruments TUSB6015 Datasheet HTML 14Page - Texas Instruments TUSB6015 Datasheet HTML 15Page - Texas Instruments TUSB6015 Datasheet HTML 16Page - Texas Instruments TUSB6015 Datasheet HTML 17Page - Texas Instruments TUSB6015 Datasheet HTML 18Page - Texas Instruments TUSB6015 Datasheet HTML 19Page - Texas Instruments TUSB6015 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
TUSB6015ZQE
SLLS937
REVISION 1.4 SEPTEMBER 12, 2008
Synchronous Burst Write Access
Note: RDY going low is asynchronous to t_scsn_rdy. Going high, it is synchronous to CLK. Valid Data Time programmable through Device
Wait Count Register. For Wait Count values other than 0 or 1 (when DMAREQ is used), t_wr_acc = Wait Count + 1.
PARAMETER
MIN
MAX
UNIT
t_clk
Cycle Time (max 67.5 MHz)
14.8
ns
t_scsnh_scsnl
Delay time, SCSn high to SCSn low
8
ns
t_acsnh_scsnl
Delay time, ACSn high to SCSn low
8
ns
t_scsn
Delay time, SCSn low to first rising edge of CLK
3ns
1+3ns
CLK
t_scs_off
CLK to SCSn high
1+3ns
Sys Clk
t_wdata_s
Data setup to CLK high
3.75
ns
t_wdata_h
Data hold time
0.6
ns
t_rdy
CLK to RDY output delay
2.2
8.2
ns
t_add_advn_h
Address Hold
0.8
ns
t_scsnl_advn_s
SCSn low Setup to ADVn high
12
ns
t_add_advn_s
Address Setup to ADVn high
12
ns
t_advn
ADVn low pulse
7
ns
t_advn_wen
ADVn high to WEn low
1+3ns
CLK
t_wen_off
CLK to WEn high
1+3ns
Sys Clk
WEn setup to CLK high
3.75
ns
t_wen
WEn hold time
0
t_wr_acc
Valid Data Time (with DMAREQ)
1
1
32
2
CLK
t_scsn_rdy
SCSn low to RDY valid low
7
ns
t_scsn_rdy_z
SCSn high to RDY high-Z
7
ns
1
Device Wait Count Register = 0 or 1.
2
Device Wait Count Register = 31.
16
WWW.TI.COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com