Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB6015 Datasheet(PDF) 13 Page - Texas Instruments

Part # TUSB6015
Description  USB 2.0 High Speed Peripheral Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6015 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB6015 Datasheet HTML 9Page - Texas Instruments TUSB6015 Datasheet HTML 10Page - Texas Instruments TUSB6015 Datasheet HTML 11Page - Texas Instruments TUSB6015 Datasheet HTML 12Page - Texas Instruments TUSB6015 Datasheet HTML 13Page - Texas Instruments TUSB6015 Datasheet HTML 14Page - Texas Instruments TUSB6015 Datasheet HTML 15Page - Texas Instruments TUSB6015 Datasheet HTML 16Page - Texas Instruments TUSB6015 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
TUSB6015ZQE
SLLS937
REVISION 1.4 SEPTEMBER 10, 2008
Timing Diagrams
Asynchronous Read Access
PARAMETER
MIN
MAX
UNIT
t_acsnh_acsnl
Delay time, ACSn high to ACSn low
8
ns
t_scsnh_acsnl
Delay time, SCSn high to ACSn low
8
ns
t_add_advn_h
Address Hold to ADVn high
0.8
ns
t_acsnl_advn_s
ACSn low Setup to ADVn high
18
ns
t_add_advn_s
Address Setup to ADVn high
18
ns
t_advn_oen
Sampled Address to OEn low
1
ns
t_advn
ADVn low pulse
7
ns
OEn low to RDY high (16-bit Register Access)
6
8
Sys Clk
OEn low to RDY high (32-bit Register Access) 1
st 16-bit
5
7
Sys Clk
OEn low to RDY high (32-bit Register Access) 2
nd 16-bit
2
4
Sys Clk
OEn low to RDY high (FIFO Access, with DMAREQ) 1
st 16-bit
3
4
Sys Clk
t_rd_acc
OEn low to RDY high (FIFO Access, with DMAREQ) 2
nd 16-bit
3
4
Sys Clk
t_acsn_rdy
ACSn low to RDY low
7
ns
t_acsn_rdy_z
ACSn high to RDY high-Z
7
ns
t_oen_data_z
OEn high to Data high-Z
8
ns
t_rdy_data
Delay time, RDY high to data valid
-1
6
ns
13
WWW.TI.COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com