Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB6015 Datasheet(PDF) 11 Page - Texas Instruments

Part # TUSB6015
Description  USB 2.0 High Speed Peripheral Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6015 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB6015 Datasheet HTML 7Page - Texas Instruments TUSB6015 Datasheet HTML 8Page - Texas Instruments TUSB6015 Datasheet HTML 9Page - Texas Instruments TUSB6015 Datasheet HTML 10Page - Texas Instruments TUSB6015 Datasheet HTML 11Page - Texas Instruments TUSB6015 Datasheet HTML 12Page - Texas Instruments TUSB6015 Datasheet HTML 13Page - Texas Instruments TUSB6015 Datasheet HTML 14Page - Texas Instruments TUSB6015 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TUSB6015
SLLS937
REVISION 1.4 SEPTEMBER 12, 2008
Input Supply Current
T
A = 25°C
VDDA3.3 = 3.3V +/- 10%, VSS = 0V
PARAMETER
TEST CONDITIONS
TYP
UNIT
Idle
1
16.5
uA
No Bus Activity
2
3.7
mA
Active (Transmit / Receive)
3
3.6
mA
IDD
Input supply
current
Reset
4
2.7
mA
VDD1.8
7 = 1.8V +/- 10%, VSS = 0V
PARAMETER
TEST CONDITIONS
TYP
UNIT
Idle
1
0.26
uA
No Bus Activity
2
157.0
uA
Active (Transmit / Receive)
3
350.0
uA
IDD
Input supply
current
Reset
4
1.8
mA
Cumulative VDD1.5 = 1.5V +/- 10%, VSS = 0V
(VDD1.5, VDDD1.5, VDDCM1.5, VDDA1.5)
PARAMETER
TEST CONDITIONS
TYP
UNIT
Idle
1
2.0
uA
No Bus Activity
2
56.5
mA
Active (Transmit / Receive)
3
58.0
mA
IDD
Input supply
current
Reset
4
29.2
mA
1
DevIdle bit set in Device PRCM Management Register, USB cable unplugged.
2
Normal operation with no packets being transferred on the USB, except SOF every 125 µs.
3
Bulk IN and OUT on one End Point. Packet size is 512 bytes.
4
TUSB6015 RSTn asserted.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appear at the end of this data sheet.
11
Copyright
© 2008, Texas Instruments Incorporated
PRODUCT PREVIEW information concerns products in the
formative or design phase of development. Characteristic data
and other specifications are design goals. Texas Instruments
reserves the right to change or discontinue these products
without notice.
WWW.TI.COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com