Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB6015 Datasheet(PDF) 18 Page - Texas Instruments

Part # TUSB6015
Description  USB 2.0 High Speed Peripheral Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6015 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB6015 Datasheet HTML 14Page - Texas Instruments TUSB6015 Datasheet HTML 15Page - Texas Instruments TUSB6015 Datasheet HTML 16Page - Texas Instruments TUSB6015 Datasheet HTML 17Page - Texas Instruments TUSB6015 Datasheet HTML 18Page - Texas Instruments TUSB6015 Datasheet HTML 19Page - Texas Instruments TUSB6015 Datasheet HTML 20Page - Texas Instruments TUSB6015 Datasheet HTML 21Page - Texas Instruments TUSB6015 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
TUSB6015ZQE
SLLS937
REVISION 1.4 SEPTEMBER 12, 2008
CLK
C9
LVCMOS
Failsafe
1
I
In with Pull-up
NOR Interface Clock
DP
D1
USB
I/O
-
USB Differential Pair
VDDCM1P5
D2
Supply
-
-
1.5V PLL Supply
VSSCM1P5
D3
Supply
-
-
1.5V PLL Ground
TEST
D4
LVCMOS
I
-
Test Mode. Under normal operation this signal
should be tied directly to GND.
GPIO1
D5
LVCMOS
Failsafe
1
I/O
In with Pull-up
GPIO 1
WEn
D6
LVCMOS
Failsafe
1
I
In with Pull-up
Write Enable
ADAT13
D7
LVCMOS
Failsafe
1
I/O
In with Pull-up
Multiplexed ADDRESS.13/DATA.12
ADAT11
D8
LVCMOS
Failsafe
1
I/O
In with Pull-up
Multiplexed ADDRESS.11/DATA.10
VDD15
D9
Supply
-
-
Digital core power supply, 1.5 V
VSSA1P5
E1
Supply
-
-
1.5V Analog Ground
DM
E2
USB
I/O
-
USB Differential Pair
VDDA1P5
E3
Supply
-
-
1.5V Analog Supply
VSSA3P3
E4
Supply
-
-
3.3V Analog Ground
VSS
E5
Supply
-
-
Ground
ADAT2
E6
LVCMOS
Failsafe
1
I/O
In with Pull-up
Multiplexed ADDRESS.2/DATA.1
GPIO5_DMAREQ5
E7
LVCMOS
Failsafe
1
I/O
In with Pull-up
GPIO 5 / DMA Request 5
GPIO3_DMAREQ3
E8
LVCMOS
Failsafe
1
I/O
In with Pull-up
GPIO 3 / DMA Request 3
VSS
E9
Supply
-
-
Ground
VDDD1P5
F1
Supply
-
-
1.5V Digital Supply
ID
F2
USB
I
-
Should be left floating as a USB device.
VBUS
F3
USB
I
-
USB VBUS
VSSD1P5
F4
Supply
-
-
1.5V Digital Ground
GPIO6
F5
LVCMOS
Failsafe
1
I/O
In with Pull-up
GPIO 6 / Input Clock Source Select at reset.
GPIO6 = HIGH, 19.2/24 MHz
GPIO6 = LOW, 38.4 MHz
ADAT1
F6
LVCMOS
Failsafe
1
I/O
In with Pull-up
Multiplexed ADDRESS.1/DATA.0
ADAT10
F7
LVCMOS
Failsafe
1
I/O
In with Pull-up
Multiplexed ADDRESS.10/DATA.9
ADAT9
F8
LVCMOS
Failsafe
1
I/O
In with Pull-up
Multiplexed ADDRESS.9/DATA.8
VDD15
F9
Supply
-
In with Pull-up
Digital core power supply, 1.5 V
VSS
G1
Supply
-
-
Ground
1.5V_SWEN
G2
LVCMOS
O
0
Switch Enable for 1.5V supply for Vbat/Vbus
18
WWW.TI.COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com