Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB6015 Datasheet(PDF) 21 Page - Texas Instruments

Part # TUSB6015
Description  USB 2.0 High Speed Peripheral Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6015 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB6015 Datasheet HTML 17Page - Texas Instruments TUSB6015 Datasheet HTML 18Page - Texas Instruments TUSB6015 Datasheet HTML 19Page - Texas Instruments TUSB6015 Datasheet HTML 20Page - Texas Instruments TUSB6015 Datasheet HTML 21Page - Texas Instruments TUSB6015 Datasheet HTML 22Page - Texas Instruments TUSB6015 Datasheet HTML 23Page - Texas Instruments TUSB6015 Datasheet HTML 24Page - Texas Instruments TUSB6015 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
TUSB6015ZQE
SLLS937
REVISION 1.4 SEPTEMBER 10, 2008
Digital Power Connections: VDD18, VDD15
The digital portion of the TUSB6015 has two power rails, 1.5V (VDD15) and 1.8V (VDD18). There is one digital
ground connection (VSS). Each supply is isolated from the others to provide noise isolation.
A combination of high-frequency capacitors near each terminal is suggested, such as paralleled 0.01uF and
0.001uF capacitors. A lower frequency 10uF filter capacitor is also recommended. All ground pins must connect
through a low impedance path to the circuit board ground plane. All grounds can be connected to each other.
• VDD15 (Digital Core Voltage 1.5V Supply) - (5) 0.1µf, (5) 0.001µf, (1) 10µf
• VDD18 (Digital IO Voltage 1.8V Supply) - (5) 0.1µf, (5) 0.001µf, (1) 10µf
• VSS (Digital Ground)
21
WWW.TI.COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com