Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB6015 Datasheet(PDF) 17 Page - Texas Instruments

Part # TUSB6015
Description  USB 2.0 High Speed Peripheral Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6015 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB6015 Datasheet HTML 13Page - Texas Instruments TUSB6015 Datasheet HTML 14Page - Texas Instruments TUSB6015 Datasheet HTML 15Page - Texas Instruments TUSB6015 Datasheet HTML 16Page - Texas Instruments TUSB6015 Datasheet HTML 17Page - Texas Instruments TUSB6015 Datasheet HTML 18Page - Texas Instruments TUSB6015 Datasheet HTML 19Page - Texas Instruments TUSB6015 Datasheet HTML 20Page - Texas Instruments TUSB6015 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
TUSB6015ZQE
SLLS937
REVISION 1.4 SEPTEMBER 10, 2008
Pin Descriptions
TERMINAL
NAME
BALL
TYPE
I/O
RESET STATE
DESCRIPTION
VDD15
A1
Supply
-
-
Digital core power supply, 1.5 V
VSS
A2
Supply
-
-
Ground
CLK_24_SEL
A3
LVCMOS
Failsafe
1
I
In with Pull-up
CLKIN_19_2_24 Frequency Select at Reset
CLK 24 SEL = HIGH, 19.2 MHz
CLK 24 SEL = LOW, RSVD
If GPIO6 is low at reset, this pin will have no
effect on clock selection.
CLKIN_38_4
A4
LVCMOS
Failsafe
1
I
In
System Clock In. Connect directly to ground if
not used.
CLKIN_19_2_24
A5
LVCMOS
Failsafe
1
I
In
System Clock In. Connect directly to ground if
not used.
VSS
A6
Supply
-
-
Ground
VDD18
A7
Supply
-
-
IO Power Supply, 1.8 V
OEn
A8
LVCMOS
Failsafe
1
I
In with Pull-up
Output Enable
VDD15
A9
Supply
-
-
Digital core power supply, 1.5 V
VSSREF
B1
Supply
-
-
Ground reference for the reference circuits
GPIO7
B2
LVCMOS
Failsafe
1
I/O
In with Pull-up
GPIO 7
VDD15
B3
Supply
-
-
Digital core power supply, 1.5 V
VSS
B4
Supply
-
-
Ground
VDD18
B5
Supply
-
-
IO Power Supply, 1.8 V
GPIO2_DMAREQ2
B6
LVCMOS
Failsafe
1
I/O
In with Pull-up
GPIO 2 / DMA Request 2
ADAT15
B7
LVCMOS
I/O
In with Pull-up
Multiplexed ADDRESS.15/DATA.14
ADAT16
B8
LVCMOS
I/O
In with Pull-up
Multiplexed ADDRESS.16/DATA.15
VSS
B9
Supply
-
-
Ground
VDDA3P3
C1
Supply
-
-
3.3V Analog Supply
R1
C2
Bias
I
-
High precision external resistor used for
calibration. (R1 value: 10.7 K +/- 1%)
GPIO4_DMAREQ4
C4
LVCMOS
Failsafe
1
I/O
In with Pull-up
GPIO 4 / DMA Request 4
VDD15
C5
Supply
-
-
Digital core power supply, 1.5 V
ADVn
C6
LVCMOS
Failsafe
1
I
In with Pull-up
Address Valid
ADAT12
C7
LVCMOS
Failsafe
1
I/O
In with Pull-up
Multiplexed ADDRESS.12/DATA.11
ADAT14
C8
LVCMOS
Failsafe
1
I/O
In with Pull-up
Multiplexed ADDRESS.14/DATA.13
17
WWW.TI.COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com