Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB6015 Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB6015
Description  USB 2.0 High Speed Peripheral Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6015 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB6015 Datasheet HTML 3Page - Texas Instruments TUSB6015 Datasheet HTML 4Page - Texas Instruments TUSB6015 Datasheet HTML 5Page - Texas Instruments TUSB6015 Datasheet HTML 6Page - Texas Instruments TUSB6015 Datasheet HTML 7Page - Texas Instruments TUSB6015 Datasheet HTML 8Page - Texas Instruments TUSB6015 Datasheet HTML 9Page - Texas Instruments TUSB6015 Datasheet HTML 10Page - Texas Instruments TUSB6015 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TUSB6015ZQE
SLLS937
REVISION 1.4 SEPTEMBER 10, 2008
DP and DM - Electrical Characteristics for the Integrated USB 2.0 Transceiver
T
A = -30°C - 85°C,VDD15 = 1.5v±10%, VDD18 = 1.8V ±10%,
V
DDA1P5 = 1.5 V ±10%, VDDA3P3 = 3.3
±10%,V
DDD1P5 = 1.5, V ±10%, VDDCM1P5 = 1.5 ±10%, VSS = 0 V (unless otherwise noted)
†
PARAMETER
MIN
TYP
MAX
UNIT
Input Levels for Full Speed
V
DI
Full–speed differential input threshold
0.2
V
V
CM
Input (was differential) common mode range
0.8
2.5
V
Input Levels for High Speed
V(HSSQ)
High–speed squelch detection threshold (differential signal amplitude)
100
150
mV
VDI
High–speed differential input threshold voltage
100
mV
CHSLOAD
Capacitance to ground on each line
5.5
pF
Output Levels for Full Speed
VOL
Low–level output voltage
0
0.3
V
VOH
High–level output voltage (driven)
2.8
3.6
V
VO(SE1)
Output voltage on SE1
0.8
V
VO(CRS)
Output signal crossover voltage
1.3
2
V
Output Levels for High Speed
V(HSOI)
High–speed idle level
-10
10
mV
V(HSOH)
High–speed data signaling high
360
440
mV
V(HSOL)
High–speed data signaling low
-10
10
mV
VID(CHIRPJ)
Chirp J level (differential voltage)
700
1100
mV
VID(CHIRPK) Chirp K level (differential voltage)
-900
-500
mV
Driver Characteristics (Full Speed)
tr
Full–speed rise time
4
20
ns
tf
Full–speed fall time
4
20
ns
t(RFM)
Full–speed rise/fall time matching
90%
110%
Driver Characteristics (High Speed)
tr
Rise time (10%-90%)
500
ps
tf
Fall time (10%-90%)
500
ps
ro(HSDRV)
Driver output resistance (serves as a high–speed termination)
40.5
49.5
Ω
t(FRFM)
Differential rise and fall time matching
90%
111.11%
Clock Timings
t(HSDRAT)
High–speed data rate
479.76
480.24
Mb/s
Single-Ended Receiver
VIT+
Positive–going input threshold voltage
2.0
V
VIT-
Negative–going input threshold voltage
0.8
V
Vhys
Hysteresis voltage
200
500
mV
7
WWW.TI.COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com