Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB6015 Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB6015
Description  USB 2.0 High Speed Peripheral Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6015 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB6015 Datasheet HTML 1Page - Texas Instruments TUSB6015 Datasheet HTML 2Page - Texas Instruments TUSB6015 Datasheet HTML 3Page - Texas Instruments TUSB6015 Datasheet HTML 4Page - Texas Instruments TUSB6015 Datasheet HTML 5Page - Texas Instruments TUSB6015 Datasheet HTML 6Page - Texas Instruments TUSB6015 Datasheet HTML 7Page - Texas Instruments TUSB6015 Datasheet HTML 8Page - Texas Instruments TUSB6015 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TUSB6015
SLLS937
REVISION 1.4 SEPTEMBER 12, 2008
TUSB6015 USB 2.0 High Speed Peripheral Controller Data Sheet
FEATURES
USB 2.0 High-Speed (HS) Compliant Peripheral
Controller Core
USB-IF TID # 40630005
Integrated USB 2.0 PHY
NOR FLASH - Like External Host Interface
DP/DM lines are high impedance when the device is
not powered
Six physical endpoints
Each endpoint is configurable as IN or OUT
with dedicated 1K buffer
NOR Flash Interface Access modes:
Asynchronous 16-bit single access
Asynchronous 32-bit single access
Asynchronous 16x16 burst access w/ DMA
Synchronous 16x16 burst access with DMA
(Max GPMC clock is 65 MHz)
Interrupt on DP/DM line state change for CEA-936-A
detect
VBUS MAX Voltage rating will be 6V for USB
Charging
RoHS Complaint 80 Terminal BGA MICROSTAR
JUNIOR Package
DESCRIPTION
The TUSB6015 is a USB 2.0 HS Peripheral Controller
designed for seamless interface to an external Host
processor through the NOR FLASH-like interface.
The NOR FLASH-like interface is a 16-bit, multiplexed
address/data, interface with support for synchronous
burst and single asynchronous read/write access.
Configuration registers are accessible via the
asynchronous chip select only; the End Point FIFO’s
are accessible via both the synchronous and
asynchronous chip selects.
The device also has eight user configurable general
purpose I/0 interface pins. The GPIO can be configured
as an interrupt or wakeup source. Some GPIO have
secondary NOR-flash DMA Request functionality.
The device is fully compliant with the Universal Serial
Bus Specification Rev. 2.0.
The ESD protection level is 2KV HBM (JESD22-
A114D), 500V CDM (JESD22-C101C).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appear at the end of this data sheet.
1
Copyright
© 2008, Texas Instruments Incorporated
PRODUCT PREVIEW information concerns products in the
formative or design phase of development. Characteristic data
and other specifications are design goals. Texas Instruments
reserves the right to change or discontinue these products
without notice.
WWW.TI.COM


Similar Part No. - TUSB6015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB6010B TI1-TUSB6010B Datasheet
544Kb / 7P
USB2.0 High Speed (HS) On-the-Go (OTG) Dual Role Controller
More results

Similar Description - TUSB6015

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63411 CYPRESS-CY7C63411 Datasheet
297Kb / 36P
Low-speed USB Peripheral Controller
logo
List of Unclassifed Man...
NET2272 ETC2-NET2272 Datasheet
560Kb / 102P
USB 2.0 Peripheral Controller
logo
PLX Technology
NET2272 PLX-NET2272 Datasheet
257Kb / 2P
Local Bus to USB 2.0 Hi-Speed Peripheral Controller
NET2280 PLX-NET2280 Datasheet
229Kb / 2P
PCI to USB 2.0 Hi-Speed Peripheral Controller
NET2282 PLX-NET2282 Datasheet
110Kb / 2P
PCI to USB 2.0 Hi-Speed Peripheral Controller
logo
Cypress Semiconductor
CY7C632XX CYPRESS-CY7C632XX Datasheet
44Kb / 3P
Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A_04 Datasheet
966Kb / 50P
Low-speed USB Peripheral Controller
logo
NXP Semiconductors
ISP1582 NXP-ISP1582 Datasheet
364Kb / 69P
Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583 NXP-ISP1583 Datasheet
507Kb / 100P
Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
logo
Cypress Semiconductor
CY7C63221 CYPRESS-CY7C63221 Datasheet
1Mb / 50P
Low-speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com