Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C121 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # R32C121
Description  RENESAS MCU
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C121 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button R32C121 Datasheet HTML 36Page - Renesas Technology Corp R32C121 Datasheet HTML 37Page - Renesas Technology Corp R32C121 Datasheet HTML 38Page - Renesas Technology Corp R32C121 Datasheet HTML 39Page - Renesas Technology Corp R32C121 Datasheet HTML 40Page - Renesas Technology Corp R32C121 Datasheet HTML 41Page - Renesas Technology Corp R32C121 Datasheet HTML 42Page - Renesas Technology Corp R32C121 Datasheet HTML 43Page - Renesas Technology Corp R32C121 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 113 page
background image
REJ03B0237-0050 Rev.0.50 Jul 31, 2008
Page 40 of 111
Under development
Preliminary Specification
This is a preliminary specification and is subject to change.
R32C/121 Group
4. Special Function Registers (SFR)
Table 4.22
SFR List (22)
Address
Register
Symbol
Reset Value
0400F0h Port P10_0 Port Function Select Register
P10_0S
0XXX X000b
0400F1h
0400F2h Port P10_1 Port Function Select Register
P10_1S
0XXX X000b
0400F3h
0400F4h Port P10_2 Port Function Select Register
P10_2S
0XXX X000b
0400F5h
0400F6h Port P10_3 Port Function Select Register
P10_3S
0XXX X000b
0400F7h
0400F8h Port P10_4 Port Function Select Register
P10_4S
0XXX X000b
0400F9h
0400FAh Port P10_5 Port Function Select Register
P10_5S
0XXX X000b
0400FBh
0400FCh Port P10_6 Port Function Select Register
P10_6S
0XXX X000b
0400FDh
0400FEh Port P10_7 Port Function Select Register
P10_7S
0XXX X000b
0400FFh
040100h
040101h
040102h
040103h
040104h
040105h
040106h
040107h
040108h
040109h
04010Ah
04010Bh
04010Ch
04010Dh
04010Eh
04010Fh
040110h
040111h
040112h
040113h
040114h
040115h
040116h
040117h
040118h
040119h
04011Ah
04011Bh
04011Ch
04011Dh
04011Eh
04011Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com