Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C121 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # R32C121
Description  RENESAS MCU
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C121 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button R32C121 Datasheet HTML 12Page - Renesas Technology Corp R32C121 Datasheet HTML 13Page - Renesas Technology Corp R32C121 Datasheet HTML 14Page - Renesas Technology Corp R32C121 Datasheet HTML 15Page - Renesas Technology Corp R32C121 Datasheet HTML 16Page - Renesas Technology Corp R32C121 Datasheet HTML 17Page - Renesas Technology Corp R32C121 Datasheet HTML 18Page - Renesas Technology Corp R32C121 Datasheet HTML 19Page - Renesas Technology Corp R32C121 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 113 page
background image
REJ03B0237-0050 Rev.0.50 Jul 31, 2008
Page 16 of 111
Under development
Preliminary Specification
This is a preliminary specification and is subject to change.
R32C/121 Group
2. Central Processing Unit (CPU)
2.1.8.5
Register Bank Select Flag (B flag)
This flag selects a register bank. It indicates 0 when the register bank 0 is selected, and 1 when the
register bank 1 is selected.
2.1.8.6
Overflow Flag (O flag)
This flag becomes 1 if an operation results in an overflow; in all other cases, this flag becomes 0.
2.1.8.7
Interrupt Enable Flag (I flag)
This flag enables a maskable interrupt. It indicates 0 when an interrupt is disabled, and 1 when an
interrupt is enabled. Once an interrupt is accepted, the flag is set to 0.
2.1.8.8
Stack Pointer Select Flag (U flag)
This flag indicates 0 when the interrupt stack pointer (ISP) is selected, and 1 when the user stack
pointer (USP) is selected.
It is set to 0 when a hardware interrupt is accepted or the INT instruction whose software interrupt
number is 0 to 127 is executed.
2.1.8.9
Floating-point Underflow Flag (FU flag)
This flag becomes 1 if a floating point operation results in an underflow; in all other cases, this flag
becomes 0. It also becomes 1 when the operand has invalid numbers (subnormal numbers).
2.1.8.10
Floating-point Overflow Flag (FO flag)
This flag becomes 1 if a floating point operation results in an overflow; in all other cases, this flag
becomes 0. It also becomes 1 when the operand has invalid numbers (subnormal numbers).
2.1.8.11
Processor Interrupt Priority Level (IPL)
The 3-bit processor interrupt priority level (IPL) specifies eight processor interrupt priority levels from 0
to 7. If a requested interrupt's priority level is higher than the processor interrupt priority level (IPL), this
interrupt is enabled.
If the processor interrupt priority level (IPL) is set to 111b (level 7), any interrupt is disabled.
2.1.8.12
Fixed-point Designation Bit (DP bit)
This bit designates a fixed point. It also designates which part of the multiplication result should be
taken. It is used for MULX instruction.
2.1.8.13
Floating-point Rounding Mode (RND)
The 2-bit floating point rounding mode designates a rounding mode for the operation result.
2.1.8.14
Reserved
The fields are written with 0. The read value is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com