Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C121 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # R32C121
Description  RENESAS MCU
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C121 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button R32C121 Datasheet HTML 83Page - Renesas Technology Corp R32C121 Datasheet HTML 84Page - Renesas Technology Corp R32C121 Datasheet HTML 85Page - Renesas Technology Corp R32C121 Datasheet HTML 86Page - Renesas Technology Corp R32C121 Datasheet HTML 87Page - Renesas Technology Corp R32C121 Datasheet HTML 88Page - Renesas Technology Corp R32C121 Datasheet HTML 89Page - Renesas Technology Corp R32C121 Datasheet HTML 90Page - Renesas Technology Corp R32C121 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 113 page
background image
REJ03B0237-0050 Rev.0.50 Jul 31, 2008
Page 87 of 111
Under development
Preliminary Specification
This is a preliminary specification and is subject to change.
R32C/121 Group
5. Electrical Characteristics
VCC =5V
Table 5.17
Electrical Characteristics (2) (VCC = 4.2 to 5.5 V, VSS =0V, Ta =Topr, and
f(CPU) = 64 MHz, unless otherwise noted)
Symbol
Characteristic
Measurement
condition
Value
Unit
Min.
Typ. Max.
VT+ - VT- Hysteresis NMI, INT0 to INT5, KI0 to KI3, TA0IN
to TA4IN, TA0OUT to TA4OUT, TB0IN
to TB5IN,
CTS0 to CTS4, CLK0 to
CLK4, RXD0 to RXD4, SCL0 to SCL2,
SDA0 to SDA2,
SS0 to SS2, SRXD0 to
SRXD2,
ADTRG, IIO0_0 to IIO0_7,
IIO1_0 to IIO1_7, UD0A, UD0B,
UD1A, UD1B,
SCS0 to SCS2, SSCK0
to SSCK2, SSI0 to SSI2, SSO0 to
SSO2, LIN0IN to LIN1IN, CAN0IN to
CAN1IN,
CAN0WU to CAN1WU
0.2
1.0
V
RESET
0.2
1.8
V
IIH
High level
input current
XIN,
RESET, CNVSS, NSD, P0_0 to
P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to
P5_7, P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_7, P9_1, P9_3 to P9_7,
P10_0 to P10_7
VI = 5 V
1.0
µA
IIL
Low level
input current
XIN,
RESET, CNVSS, NSD, P0_0 to
P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to
P5_7, P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_7, P9_1, P9_3 to P9_7,
P10_0 to P10_7
VI = 0 V
-1.0
µA
RPULLUP Pull-up
resistor
P0_0 to P0_7, P1_0 to P1_7, P2_0 to
P2_7, P3_0 to P3_7, P4_0 to P4_7,
P5_0 to P5_7, P6_0 to P6_7, P7_0 to
P7_7, P8_0 to P8_7, P9_1, P9_3 to
P9_7, P10_0 to P10_7
VI = 0 V
30
50
170
k
Ω
RfXIN
Feedback
resistor
XIN
1.5
M
Ω
RfXCIN
Feedback
resistor
XCIN
15
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com