Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C121 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # R32C121
Description  RENESAS MCU
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C121 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button R32C121 Datasheet HTML 39Page - Renesas Technology Corp R32C121 Datasheet HTML 40Page - Renesas Technology Corp R32C121 Datasheet HTML 41Page - Renesas Technology Corp R32C121 Datasheet HTML 42Page - Renesas Technology Corp R32C121 Datasheet HTML 43Page - Renesas Technology Corp R32C121 Datasheet HTML 44Page - Renesas Technology Corp R32C121 Datasheet HTML 45Page - Renesas Technology Corp R32C121 Datasheet HTML 46Page - Renesas Technology Corp R32C121 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 113 page
background image
REJ03B0237-0050 Rev.0.50 Jul 31, 2008
Page 43 of 111
Under development
Preliminary Specification
This is a preliminary specification and is subject to change.
R32C/121 Group
4. Special Function Registers (SFR)
Table 4.25
SFR List (25)
Address
Register
Symbol
Reset Value
044090h to
044DFFh
044E00h LIN Channel Window Select/Input Signal Low Detection Status
Register
LCW
0000 XX00b
044E01h LIN Baud Rate Generator Control Register
LBRG
XXX0 XX00b
044E02h LIN Baud Rate Prescaler 0
LBRP0
00h
044E03h LIN Baud Rate Prescaler 1
LBRP1
00h
044E04h LIN Mode Register 0
LMD0
0000 0X00b
044E05h LIN Mode Register 1
LMD1
00h
044E06h LIN Wake-up Setting Register
LWUP
00h
044E07h
044E08h LIN Break Field Setting Register
LBRK
XX00 0000b
044E09h LIN Space Setting Register
LSPC
XX00 X000b
044E0Ah LIN Response Field Setting Register
LRFC
XX00 0000b
044E0Bh LIN ID Buffer Register
LIDB
00h
044E0Ch LIN Status Control Register
LSC
XXXX XX00b
044E0Dh LIN Transmission Control Register
LTC
XXXX XX00b
044E0Eh LIN Status Register
LST
XX00 0000b
044E0Fh LIN Error Status Register
LEST
X000 0000b
044E10h LIN Data 1 Buffer Register
LDB1
00h
044E11h LIN Data 2 Buffer Register
LDB2
00h
044E12h LIN Data 3 Buffer Register
LDB3
00h
044E13h LIN Data 4 Buffer Register
LDB4
00h
044E14h LIN Data 5 Buffer Register
LDB5
00h
044E15h LIN Data 6 Buffer Register
LDB6
00h
044E16h LIN Data 7 Buffer Register
LDB7
00h
044E17h LIN Data 8 Buffer Register
LDB8
00h
044E18h
044E19h
044E1Ah
044E1Bh
044E1Ch
044E1Dh
044E1Eh
044E1Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com