Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C121 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # R32C121
Description  RENESAS MCU
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C121 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button R32C121 Datasheet HTML 41Page - Renesas Technology Corp R32C121 Datasheet HTML 42Page - Renesas Technology Corp R32C121 Datasheet HTML 43Page - Renesas Technology Corp R32C121 Datasheet HTML 44Page - Renesas Technology Corp R32C121 Datasheet HTML 45Page - Renesas Technology Corp R32C121 Datasheet HTML 46Page - Renesas Technology Corp R32C121 Datasheet HTML 47Page - Renesas Technology Corp R32C121 Datasheet HTML 48Page - Renesas Technology Corp R32C121 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 113 page
background image
REJ03B0237-0050 Rev.0.50 Jul 31, 2008
Page 45 of 111
Under development
Preliminary Specification
This is a preliminary specification and is subject to change.
R32C/121 Group
4. Special Function Registers (SFR)
Table 4.27
SFR List (27)
Address
Register
Symbol
Reset Value
044F28h SS2 Control Register H
SS2CRH
00h
044F29h SS2 Control Register L
SS2CRL
0111 1101b
044F2Ah SS2 Mode Register
SS2MR
0001 0000b
044F2Bh SS2 Enable Register
SS2ER
00h
044F2Ch SS2 Status Register
SS2SR
00h
044F2Dh SS2 Mode Register 2
SS2MR2
00h
044F2Eh SS2 Transmit Data Register
SS2TDR
FFh
044F2Fh SS2 Transmit Data Register (H)
SS2TDR (H)
FFh
044F30h
044F31h
044F32h
044F33h
044F34h
044F35h
044F36h
044F37h
044F38h
044F39h
044F3Ah
044F3Bh
044F3Ch
044F3Dh
044F3Eh
044F3Fh
044F40h
044F41h
044F42h
044F43h
044F44h
044F45h
044F46h
044F47h
044F48h
044F49h
044F4Ah
044F4Bh
044F4Ch
044F4Dh
044F4Eh
044F4Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com