Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C121 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # R32C121
Description  RENESAS MCU
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C121 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button R32C121 Datasheet HTML 43Page - Renesas Technology Corp R32C121 Datasheet HTML 44Page - Renesas Technology Corp R32C121 Datasheet HTML 45Page - Renesas Technology Corp R32C121 Datasheet HTML 46Page - Renesas Technology Corp R32C121 Datasheet HTML 47Page - Renesas Technology Corp R32C121 Datasheet HTML 48Page - Renesas Technology Corp R32C121 Datasheet HTML 49Page - Renesas Technology Corp R32C121 Datasheet HTML 50Page - Renesas Technology Corp R32C121 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 113 page
background image
REJ03B0237-0050 Rev.0.50 Jul 31, 2008
Page 47 of 111
Under development
Preliminary Specification
This is a preliminary specification and is subject to change.
R32C/121 Group
4. Special Function Registers (SFR)
Table 4.29
SFR List (29)
Address
Register
Symbol
Reset Value
046800h to
0477FFh
047800h CAN1 Mailbox 0: Message Identifier
C1MB0
XXXX XXXXh
047801h
047802h
047803h
047804h
047805h CAN1 Mailbox 0: Data Length
XXh
047806h CAN1 Mailbox 0: Data Field
XXXX XXXX
XXXX XXXXh
047807h
047808h
047809h
04780Ah
04780Bh
04780Ch
04780Dh
04780Eh CAN1 Mailbox 0: Time Stamp
XXXXh
04780Fh
047810h CAN1 Mailbox 1: Message Identifier
C1MB1
XXXX XXXXh
047811h
047812h
047813h
047814h
047815h CAN1 Mailbox 1: Data Length
XXh
047816h CAN1 Mailbox 1: Data Field
XXXX XXXX
XXXX XXXXh
047817h
047818h
047819h
04781Ah
04781Bh
04781Ch
04781Dh
04781Eh CAN1 Mailbox 1: Time Stamp
XXXXh
04781Fh
047820h CAN1 Mailbox 2: Message Identifier
C1MB2
XXXX XXXXh
047821h
047822h
047823h
047824h
047825h CAN1 Mailbox 2: Data Length
XXh
047826h CAN1 Mailbox 2: Data Field
XXXX XXXX
XXXX XXXXh
047827h
047828h
047829h
04782Ah
04782Bh
04782Ch
04782Dh
04782Eh CAN1 Mailbox 2: Time Stamp
XXXXh
04782Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com