Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C121 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R32C121
Description  RENESAS MCU
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C121 Datasheet(HTML) 1 Page - Renesas Technology Corp

  R32C121 Datasheet HTML 1Page - Renesas Technology Corp R32C121 Datasheet HTML 2Page - Renesas Technology Corp R32C121 Datasheet HTML 3Page - Renesas Technology Corp R32C121 Datasheet HTML 4Page - Renesas Technology Corp R32C121 Datasheet HTML 5Page - Renesas Technology Corp R32C121 Datasheet HTML 6Page - Renesas Technology Corp R32C121 Datasheet HTML 7Page - Renesas Technology Corp R32C121 Datasheet HTML 8Page - Renesas Technology Corp R32C121 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 113 page
background image
REJ03B0237-0050 Rev.0.50 Jul 31, 2008
Page 1 of 111
R32C/121 Group
RENESAS MCU
REJ03B0237-0050
Rev.0.50
Jul 31, 2008
Notes to users:
• While the information contained herein is believed to be accurate, it may
contain technical inaccuracies or typographical errors.
• Specifications may be subject to change due to product improvements or
other reasons. Please verify the document is the latest version available.
PRELIMINARY
R32C/121 Group Datasheet
1.
Overview
1.1
Features
The M16C Family offers a robust platform of 32-/16-bit CISC microcomputers (MCUs) featuring high ROM
code efficiency, extensive EMI/EMS noise immunity, ultra-low power consumption, high-speed processing
in actual applications, and numerous and varied integrated peripherals. Extensive device scalability from
low- to high-end, featuring a single architecture as well as compatible pin assignments and peripheral
functions, provides support for a vast range of application fields.
The R32C/100 Series is a high-end microcontroller series in the M16C Family. With a 4-Gbyte memory
space, it achieves maximum code efficiency and high-speed processing with 32-bit CISC architecture,
multiplier, multiply-accumulate unit, and floating point unit. The selection from the broadest choice of on-
chip peripheral devices — UART, CRC, DMAC, A/D and D/A converters, timers, I2C, and WDT enables to
minimize external components.
The R32C/100 Series, in particular, provides the R32C/121 Group, a product specific to vehicle network.
This product, provided as 100-pin plastic molded LQFP package, configures two channels of CAN, two
channels of LIN, and standard peripherals.
1.1.1
Applications
Automotive, audio, communication equipment, industrial equipment etc.


Similar Part No. - R32C121

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R32C121 RENESAS-R32C121_15 Datasheet
818Kb / 118P
RENESAS MCU
More results

Similar Description - R32C121

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
RENESAS MCU
R32C118A RENESAS-R32C118A_15 Datasheet
940Kb / 132P
RENESAS MCU
RL78 RENESAS-RL78_15 Datasheet
1Mb / 153P
RENESAS MCU
RL78G1G RENESAS-RL78G1G_15 Datasheet
775Kb / 70P
RENESAS MCU
R32C151 RENESAS-R32C151_15 Datasheet
774Kb / 122P
RENESAS MCU
R8C33C RENESAS-R8C33C_15 Datasheet
528Kb / 56P
RENESAS MCU
R8C36W RENESAS-R8C36W_15 Datasheet
631Kb / 71P
RENESAS MCU
M16C5LD RENESAS-M16C5LD_15 Datasheet
673Kb / 88P
RENESAS MCU
R8C3GM RENESAS-R8C3GM_15 Datasheet
530Kb / 56P
RENESAS MCU
R8C3JM RENESAS-R8C3JM_15 Datasheet
543Kb / 57P
RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com