Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C121 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # R32C121
Description  RENESAS MCU
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C121 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button R32C121 Datasheet HTML 14Page - Renesas Technology Corp R32C121 Datasheet HTML 15Page - Renesas Technology Corp R32C121 Datasheet HTML 16Page - Renesas Technology Corp R32C121 Datasheet HTML 17Page - Renesas Technology Corp R32C121 Datasheet HTML 18Page - Renesas Technology Corp R32C121 Datasheet HTML 19Page - Renesas Technology Corp R32C121 Datasheet HTML 20Page - Renesas Technology Corp R32C121 Datasheet HTML 21Page - Renesas Technology Corp R32C121 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 113 page
background image
REJ03B0237-0050 Rev.0.50 Jul 31, 2008
Page 18 of 111
Under development
Preliminary Specification
This is a preliminary specification and is subject to change.
R32C/121 Group
3. Memory
3.
Memory
Figure 3.1 shows a memory mapping of the R32C/121 Group.
The R32C/121 Group provides 4-Gbyte address space from 00000000h to FFFFFFFFh.
The internal ROM is allocated from address FFFFFFFFh down. For example, a 512-Kbyte internal ROM is
addressed from FFF80000h to FFFFFFFFh.
The fixed interrupt vectors are allocated from address FFFFFFDCh to FFFFFFFFh in which the starting
address of each interrupt handler is stored.
The internal RAM is allocated from address 00000400h up. For example, a 32-Kbyte internal RAM is
addressed from 00000400h to 000083FFh. Besides being used for data storage, the internal RAM functions
as stack(s) for a subroutine and/or an interrupt handler.
Special Function Registers (SFRs), consisting of control registers for peripheral functions, are allocated
from address 00000000h to 000003FFh and from 00040000h to 0004FFFFh. Any blank spaces within the
SFRs are reserved. No access is allowed.
Figure 3.1
Memory Mapping
Internal RAM
SFR1
SFR2
Internal ROM
00000000h
FFFFFFFFh
Reset
NMI
Reserved
Watchdog timer (2)
Reserved
Reserved
BRK instruction
Overflow
Undefined instruction
FFFFFFFFh
FFFFFFDCh
Notes:
1. Additional two 4-Kbyte spaces (blocks A and B) for storing data are provided in the flash memory version.
2. The watchdog timer interrupt shares the vector table with the oscillation stop detection interrupt and low-
voltage detection interrupt.
YYYYYYYYh
00000400h
XXXXXXXXh
Reserved
00040000h
Internal ROM
(Data space) (1)
00060000h
00062000h
Reserved
00050000h
Reserved
Internal RAM
Capacity
XXXXXXXXh
32 Kbytes
00008400h
24 Kbytes
00006400h
12 Kbytes
00003400h
Internal ROM
Capacity
YYYYYYYYh
128 Kbytes FFFE0000h
256 Kbytes FFFC0000h
384 Kbytes FFFA0000h
512 Kbytes FFF80000h
20 Kbytes
00005400h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com