Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C121 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R32C121
Description  RENESAS MCU
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C121 Datasheet(HTML) 5 Page - Renesas Technology Corp

  R32C121 Datasheet HTML 1Page - Renesas Technology Corp R32C121 Datasheet HTML 2Page - Renesas Technology Corp R32C121 Datasheet HTML 3Page - Renesas Technology Corp R32C121 Datasheet HTML 4Page - Renesas Technology Corp R32C121 Datasheet HTML 5Page - Renesas Technology Corp R32C121 Datasheet HTML 6Page - Renesas Technology Corp R32C121 Datasheet HTML 7Page - Renesas Technology Corp R32C121 Datasheet HTML 8Page - Renesas Technology Corp R32C121 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 113 page
background image
REJ03B0237-0050 Rev.0.50 Jul 31, 2008
Page 5 of 111
Under development
Preliminary Specification
This is a preliminary specification and is subject to change.
R32C/121 Group
1. Overview
Figure 1.1
Part Numbering
Part Number
R5 F 64 21 1 J -XXX FB
Package Code
FB : PLQP0100KB-A
ROM Number
Omitted in the flash memory version
Memory Type
F : Flash memory version
R32C/121 Group
R32C/100 Series
ROM/RAM/E2dataFlash Capacity
0 : 128 KB / 12 KB / 4 KB
1 : 256 KB / 20 KB / 4 KB
2 : 384 KB / 24 KB / 4 KB
3 : 512 KB / 32 KB / 4 KB
E : 128 KB / 12 KB / none
F : 256 KB / 20 KB / none
G : 384 KB / 24 KB / none
H : 512 KB / 32 KB / none
Temperature Code
J : -40°C to 85°C
L : -40°C to 105°C
K : -40°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com