Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C121 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # R32C121
Description  RENESAS MCU
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C121 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button R32C121 Datasheet HTML 49Page - Renesas Technology Corp R32C121 Datasheet HTML 50Page - Renesas Technology Corp R32C121 Datasheet HTML 51Page - Renesas Technology Corp R32C121 Datasheet HTML 52Page - Renesas Technology Corp R32C121 Datasheet HTML 53Page - Renesas Technology Corp R32C121 Datasheet HTML 54Page - Renesas Technology Corp R32C121 Datasheet HTML 55Page - Renesas Technology Corp R32C121 Datasheet HTML 56Page - Renesas Technology Corp R32C121 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 113 page
background image
REJ03B0237-0050 Rev.0.50 Jul 31, 2008
Page 53 of 111
Under development
Preliminary Specification
This is a preliminary specification and is subject to change.
R32C/121 Group
4. Special Function Registers (SFR)
Table 4.35
SFR List (35)
Address
Register
Symbol
Reset Value
047920h CAN1 Mailbox 18: Message Identifier
C1MB18
XXXX XXXXh
047921h
047922h
047923h
047924h
047925h CAN1 Mailbox 18: Data Length
XXh
047926h CAN1 Mailbox 18: Data Field
XXXX XXXX
XXXX XXXXh
047927h
047928h
047929h
04792Ah
04792Bh
04792Ch
04792Dh
04792Eh CAN1 Mailbox18: Time Stamp
XXXXh
04792Fh
047930h CAN1 Mailbox 19: Message Identifier
C1MB19
XXXX XXXXh
047931h
047932h
047933h
047934h
047935h CAN1 Mailbox 19: Data Length
XXh
047936h CAN1 Mailbox 19: Data Field
XXXX XXXX
XXXX XXXXh
047937h
047938h
047939h
04793Ah
04793Bh
04793Ch
04793Dh
04793Eh CAN1 Mailbox 19: Time Stamp
XXXXh
04793Fh
047940h CAN1 Mailbox 20: Message Identifier
C1MB20
XXXX XXXXh
047941h
047942h
047943h
047944h
047945h CAN1 Mailbox 20: Data Length
XXh
047946h CAN1 Mailbox 20: Data Field
XXXX XXXX
XXXX XXXXh
047947h
047948h
047949h
04794Ah
04794Bh
04794Ch
04794Dh
04794Eh CAN1 Mailbox 20: Time Stamp
XXXXh
04794Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com