Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C121 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # R32C121
Description  RENESAS MCU
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C121 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button R32C121 Datasheet HTML 98Page - Renesas Technology Corp R32C121 Datasheet HTML 99Page - Renesas Technology Corp R32C121 Datasheet HTML 100Page - Renesas Technology Corp R32C121 Datasheet HTML 101Page - Renesas Technology Corp R32C121 Datasheet HTML 102Page - Renesas Technology Corp R32C121 Datasheet HTML 103Page - Renesas Technology Corp R32C121 Datasheet HTML 104Page - Renesas Technology Corp R32C121 Datasheet HTML 105Page - Renesas Technology Corp R32C121 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 113 page
background image
REJ03B0237-0050 Rev.0.50 Jul 31, 2008
Page 102 of 111
Under development
Preliminary Specification
This is a preliminary specification and is subject to change.
R32C/121 Group
5. Electrical Characteristics
VCC =3.3 V
Timing Requirements (VCC = 3.0 to 3.6 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Table 5.41
External Clock Input
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(X)
External clock input period
125
250
ns
tw(H)
External clock input high level pulse width
50
ns
tw(L)
External clock input low level pulse width
50
ns
tr
External clock input rise time
5ns
tf
External clock input fall time
5ns
tw / tc
External clock input duty
40
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com