Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C121 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # R32C121
Description  RENESAS MCU
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C121 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button R32C121 Datasheet HTML 105Page - Renesas Technology Corp R32C121 Datasheet HTML 106Page - Renesas Technology Corp R32C121 Datasheet HTML 107Page - Renesas Technology Corp R32C121 Datasheet HTML 108Page - Renesas Technology Corp R32C121 Datasheet HTML 109Page - Renesas Technology Corp R32C121 Datasheet HTML 110Page - Renesas Technology Corp R32C121 Datasheet HTML 111Page - Renesas Technology Corp R32C121 Datasheet HTML 112Page - Renesas Technology Corp R32C121 Datasheet HTML 113Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 112 / 113 page
background image
A- 1
All trademarks and registered trademarks are the property of their respective owners.
REVISION HISTORY
R32C/121 Group Datasheet
Rev.
Date
Description
Page
Summary
0.31
Feb 14, 2008
—
Initial release
0.50
Jul 31, 2008
—
Second edition released
Chapter 1
1
• “(MCUs)” in line 1 of 1.1 added
• “This specification” in “Notes to users” changed to “Specifications”
6• Figure 1.2 modified
11-13
• “Functional Category” and “Function” in Tables 1.7 to 1.9 changed to
“Function” and “Description”, respectively
11
• Expression “internal logic voltage regulator” for “Connecting pins for
decoupling capacitor” in Table 1.7 changed to “internal voltage”
• Descriptions for “I/O ports” and “Input port” in Table 1.7 modified
Chapter 2
14, 15
• “Interrupt table register” in Figure 2.1 and 2.1.6 changed to “Interrupt
vector table base register”
15, 16
• Descriptions for 2.1 revised
Chapter 3
18
• Descriptions for Chapter 3 modified
Chapter 4
—
• Some “SFR”s pluralized
19
• Description for initial paragraph of Chapter 4 modified
20, 21
• “DMAi interrupt” in Tables 4.2 and 4.3 changed to “DMAi transfer
complete interrupt”
36
• Reset value for PLS in Table 4.18 changed
42
• “DMAi Source Select Register j” in Table 4.24 changed to “DMAi
Request Source Select Register j”
74
• Addresses “047F60h to 047FFFh” and “048000h to 04FFFFh” added
to Table 4.56
Chapter 5
75-110
• This chapter newly added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com