Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG2002 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HSG2002
Description  SiGe HBT High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2002 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HSG2002 Datasheet HTML 1Page - Renesas Technology Corp HSG2002 Datasheet HTML 2Page - Renesas Technology Corp HSG2002 Datasheet HTML 3Page - Renesas Technology Corp HSG2002 Datasheet HTML 4Page - Renesas Technology Corp HSG2002 Datasheet HTML 5Page - Renesas Technology Corp HSG2002 Datasheet HTML 6Page - Renesas Technology Corp HSG2002 Datasheet HTML 7Page - Renesas Technology Corp HSG2002 Datasheet HTML 8Page - Renesas Technology Corp HSG2002 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
HSG2002
Rev.3.00 Jun 21, 2006 page 4 of 24
2.4GHz Characteristics
Input Power Pin (dBm)
10
-10
15
20
0
25
10
20
0
100
0
150
200
50
300
Pin - Pout Characteristics
Evaluation Board Circuit
-20
-10
-40
0
10
-20
20
1.5
3.0
4.0
2.5
1.0
Frequency f (GHz)
Sparameter vs. Frequency
-20
0
20
-40
40
-40
0
40
-20
-60
Input Power Pin (dBm)
3rd. Order Intermodulation Distortion (IMD3)
-60
20
2.0
3.5
-30
-10
-40
0
10
-20
20
1.5
3.0
4.0
2.5
1.0
Frequency f (GHz)
Sparameter vs. Frequency
2.0
3.5
-30
5
250
30
Iop
VCC = 3.6 V
Iidle = 50 mA
f = 2.4 GHz
PG
Pout
VCE = 3.6 V
Iidle = 50 mA
f = 2.4 GHz
Fundamental
(1tone)
IMD3
(2tone :
∆f = 1MHz)
S21
S22
S12
S11
VCE = 3.6 V
IC = 50 mA
S21
S22
S12
S11
VCE = 3.6 V
IC = 150 mA
Pin - Pout Characteristics
OUT
IN
C : 1 pF
R : 20
Ω
VCC
VBB:Bias Control
C : 1 to 2 pF
L : 5.6 nH
L : 1.5 nH
C : 1 pF
C : 1 pF
L : 1.8 nH
L : 10 nH
10 pF
1000 pF *1
µF
1000 pF
*1
µF
10 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com