Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG2002 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # HSG2002
Description  SiGe HBT High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2002 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button HSG2002 Datasheet HTML 15Page - Renesas Technology Corp HSG2002 Datasheet HTML 16Page - Renesas Technology Corp HSG2002 Datasheet HTML 17Page - Renesas Technology Corp HSG2002 Datasheet HTML 18Page - Renesas Technology Corp HSG2002 Datasheet HTML 19Page - Renesas Technology Corp HSG2002 Datasheet HTML 20Page - Renesas Technology Corp HSG2002 Datasheet HTML 21Page - Renesas Technology Corp HSG2002 Datasheet HTML 22Page - Renesas Technology Corp HSG2002 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
HSG2002
Rev.3.00 Jun 21, 2006 page 19 of 24
S Parameter
(VCE = 3.3 V, IC = 200 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.833
-167.5
58.17
107.4
0.006
32.3
0.687
-143.9
200
0.856
-175.7
33.32
94.6
0.007
33.4
0.680
-161.8
300
0.858
179.8
22.45
89.8
0.009
45.3
0.681
-168.2
400
0.860
176.6
16.81
86.5
0.011
49.3
0.683
-171.5
500
0.861
174.1
13.40
84.0
0.013
52.5
0.684
-173.7
600
0.861
171.8
11.11
81.8
0.014
56.0
0.685
-175.3
700
0.861
169.6
9.48
79.7
0.016
57.6
0.686
-176.6
800
0.861
167.5
8.25
77.8
0.018
58.9
0.688
-177.7
900
0.861
165.5
7.30
76.1
0.020
59.0
0.688
-178.7
1000
0.862
163.7
6.54
74.4
0.021
60.7
0.691
-179.4
1100
0.864
161.8
5.91
72.8
0.023
60.3
0.693
179.9
1200
0.864
160.0
5.40
71.2
0.025
60.4
0.695
179.3
1300
0.863
158.2
4.95
69.6
0.026
60.3
0.696
178.7
1400
0.864
156.5
4.59
68.0
0.029
60.8
0.697
178.1
1500
0.864
154.7
4.26
66.5
0.030
60.6
0.698
177.7
1600
0.866
153.0
3.98
65.0
0.032
59.7
0.700
177.2
1700
0.867
151.4
3.73
63.6
0.033
59.4
0.700
176.8
1800
0.868
149.9
3.51
62.2
0.035
58.9
0.701
176.3
1900
0.869
148.2
3.31
60.7
0.037
58.5
0.701
175.9
2000
0.869
146.6
3.14
59.1
0.038
57.7
0.701
175.3
2100
0.869
145.0
2.98
57.7
0.040
57.2
0.702
174.7
2200
0.871
143.6
2.83
56.2
0.042
56.6
0.702
174.1
2300
0.872
142.0
2.70
54.8
0.043
56.0
0.703
173.5
2400
0.873
140.6
2.57
53.4
0.045
55.2
0.704
172.9
2500
0.874
139.1
2.46
52.0
0.046
54.3
0.706
172.3
2600
0.874
137.6
2.35
50.6
0.048
53.8
0.707
171.7
2700
0.876
136.1
2.25
49.1
0.049
53.3
0.709
171.2
2800
0.876
134.6
2.16
47.7
0.050
52.4
0.711
170.6
2900
0.877
133.2
2.08
46.4
0.052
51.9
0.713
170.3
3000
0.879
131.9
2.00
45.2
0.053
51.0
0.715
169.8
3200
0.879
129.1
1.86
42.5
0.056
49.8
0.717
169.2
3400
0.880
126.3
1.74
39.9
0.059
48.4
0.716
168.5
3600
0.882
123.7
1.63
37.3
0.062
46.9
0.715
167.5
3800
0.882
121.1
1.54
34.6
0.064
45.2
0.711
166.2
4000
0.883
118.3
1.45
31.8
0.066
43.5
0.709
164.4
4200
0.884
115.8
1.36
29.0
0.068
41.8
0.710
162.4
4400
0.885
113.2
1.29
26.4
0.070
39.9
0.712
160.5
4600
0.886
110.6
1.21
23.7
0.072
38.2
0.716
158.9
4800
0.888
108.3
1.15
21.4
0.074
36.7
0.719
157.6
5000
0.889
106.0
1.09
19.0
0.076
34.6
0.721
156.6
5200
0.890
103.5
1.04
16.6
0.078
33.0
0.721
155.5
5400
0.892
101.3
0.99
14.0
0.080
31.0
0.720
153.9
5600
0.894
99.2
0.95
11.5
0.082
28.9
0.718
151.8
5800
0.895
96.9
0.90
8.9
0.083
27.1
0.720
149.4
6000
0.897
94.9
0.86
6.4
0.084
25.1
0.725
146.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com