Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG2002 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HSG2002
Description  SiGe HBT High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2002 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HSG2002 Datasheet HTML 17Page - Renesas Technology Corp HSG2002 Datasheet HTML 18Page - Renesas Technology Corp HSG2002 Datasheet HTML 19Page - Renesas Technology Corp HSG2002 Datasheet HTML 20Page - Renesas Technology Corp HSG2002 Datasheet HTML 21Page - Renesas Technology Corp HSG2002 Datasheet HTML 22Page - Renesas Technology Corp HSG2002 Datasheet HTML 23Page - Renesas Technology Corp HSG2002 Datasheet HTML 24Page - Renesas Technology Corp HSG2002 Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
HSG2002
Rev.3.00 Jun 21, 2006 page 21 of 24
S Parameter
(VCE = 3.6 V, IC = 100 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.753
-131.9
52.27
117.8
0.016
24.0
0.640
-110.9
200
0.816
-159.8
30.38
100.8
0.017
21.5
0.589
-141.5
300
0.827
-169.5
20.65
93.6
0.018
21.7
0.578
-153.5
400
0.832
-175.2
15.52
88.9
0.020
24.3
0.577
-159.8
500
0.834
-179.3
12.38
85.3
0.020
25.9
0.576
-163.6
600
0.836
177.4
10.27
82.4
0.021
27.8
0.577
-166.3
700
0.837
174.6
8.77
79.7
0.021
30.5
0.578
-168.4
800
0.838
171.9
7.62
77.2
0.022
32.0
0.581
-170.1
900
0.839
169.5
6.72
75.0
0.023
33.7
0.583
-171.4
1000
0.841
167.3
6.01
72.9
0.024
35.9
0.587
-172.5
1100
0.843
165.2
5.44
70.9
0.025
36.6
0.589
-173.3
1200
0.845
163.2
4.96
68.9
0.027
38.5
0.593
-174.1
1300
0.845
161.2
4.54
67.0
0.028
39.7
0.594
-174.7
1400
0.846
159.4
4.20
65.2
0.029
41.2
0.597
-175.4
1500
0.847
157.4
3.89
63.3
0.030
42.1
0.600
-175.9
1600
0.849
155.6
3.63
61.6
0.031
42.6
0.603
-176.4
1700
0.851
153.9
3.39
59.9
0.032
42.9
0.605
-176.8
1800
0.852
152.3
3.19
58.2
0.034
43.3
0.606
-177.2
1900
0.854
150.6
3.00
56.5
0.035
43.2
0.608
-177.6
2000
0.855
148.8
2.84
54.7
0.037
43.6
0.610
-178.2
2100
0.855
147.2
2.69
53.0
0.037
44.0
0.611
-178.8
2200
0.858
145.7
2.55
51.4
0.039
43.8
0.613
-179.4
2300
0.860
144.0
2.43
49.8
0.040
43.7
0.615
-179.9
2400
0.861
142.6
2.31
48.2
0.041
43.7
0.617
179.5
2500
0.863
141.0
2.21
46.5
0.043
43.6
0.620
178.9
2600
0.863
139.5
2.11
44.9
0.044
43.6
0.623
178.3
2700
0.865
137.9
2.02
43.3
0.045
43.4
0.626
177.8
2800
0.866
136.4
1.93
41.7
0.046
43.3
0.630
177.4
2900
0.867
135.0
1.85
40.3
0.047
43.4
0.633
177.0
3000
0.870
133.6
1.78
38.8
0.049
42.6
0.636
176.6
3200
0.871
130.8
1.65
35.8
0.051
42.5
0.641
176.1
3400
0.873
127.9
1.54
32.9
0.054
41.7
0.644
175.5
3600
0.876
125.2
1.44
30.0
0.056
40.7
0.645
174.7
3800
0.877
122.5
1.35
27.0
0.058
39.8
0.644
173.5
4000
0.878
119.7
1.26
24.0
0.060
38.9
0.644
171.8
4200
0.881
117.1
1.19
20.9
0.062
37.4
0.646
169.7
4400
0.882
114.5
1.12
18.1
0.064
35.8
0.651
167.8
4600
0.883
111.9
1.05
15.2
0.066
34.7
0.658
166.1
4800
0.886
109.5
0.99
12.6
0.067
33.7
0.664
164.9
5000
0.888
107.1
0.94
10.1
0.070
32.0
0.670
163.9
5200
0.889
104.6
0.89
7.5
0.072
30.7
0.672
162.7
5400
0.892
102.4
0.84
4.8
0.074
28.8
0.673
161.2
5600
0.894
100.2
0.80
2.1
0.076
27.1
0.673
159.2
5800
0.895
97.9
0.76
-0.6
0.077
25.7
0.677
156.6
6000
0.898
95.8
0.72
-3.2
0.078
23.7
0.683
154.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com