Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG2002 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # HSG2002
Description  SiGe HBT High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2002 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button HSG2002 Datasheet HTML 17Page - Renesas Technology Corp HSG2002 Datasheet HTML 18Page - Renesas Technology Corp HSG2002 Datasheet HTML 19Page - Renesas Technology Corp HSG2002 Datasheet HTML 20Page - Renesas Technology Corp HSG2002 Datasheet HTML 21Page - Renesas Technology Corp HSG2002 Datasheet HTML 22Page - Renesas Technology Corp HSG2002 Datasheet HTML 23Page - Renesas Technology Corp HSG2002 Datasheet HTML 24Page - Renesas Technology Corp HSG2002 Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
HSG2002
Rev.3.00 Jun 21, 2006 page 22 of 24
S Parameter
(VCE = 3.6 V, IC = 200 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.826
-167.4
59.94
108.5
0.007
38.7
0.680
-143.1
200
0.854
-175.5
33.77
95.0
0.008
37.1
0.676
-161.4
300
0.857
179.9
22.69
90.0
0.009
45.9
0.676
-167.8
400
0.859
176.8
16.99
86.6
0.012
47.7
0.678
-171.2
500
0.859
174.2
13.53
84.1
0.013
52.1
0.679
-173.5
600
0.859
171.8
11.22
81.8
0.014
54.6
0.680
-175.1
700
0.860
169.7
9.58
79.8
0.016
56.6
0.681
-176.4
800
0.860
167.6
8.34
77.9
0.018
58.6
0.683
-177.5
900
0.860
165.6
7.37
76.1
0.020
59.6
0.685
-178.5
1000
0.861
163.7
6.60
74.4
0.021
60.3
0.687
-179.3
1100
0.862
161.9
5.97
72.8
0.023
59.8
0.688
-180.0
1200
0.863
160.0
5.45
71.2
0.025
60.6
0.690
179.4
1300
0.862
158.2
5.00
69.6
0.026
60.7
0.691
178.9
1400
0.863
156.5
4.63
68.0
0.028
60.9
0.693
178.3
1500
0.863
154.7
4.30
66.4
0.030
60.5
0.694
177.8
1600
0.865
153.1
4.02
65.0
0.032
60.1
0.695
177.4
1700
0.866
151.4
3.77
63.6
0.033
59.4
0.697
176.9
1800
0.867
149.9
3.54
62.1
0.035
59.0
0.697
176.4
1900
0.867
148.3
3.34
60.6
0.037
58.2
0.697
176.0
2000
0.868
146.6
3.17
59.1
0.038
57.7
0.697
175.5
2100
0.868
145.0
3.00
57.6
0.040
57.3
0.698
174.9
2200
0.870
143.6
2.86
56.1
0.042
56.6
0.698
174.2
2300
0.871
142.0
2.72
54.7
0.043
55.9
0.699
173.7
2400
0.872
140.6
2.59
53.3
0.045
55.1
0.700
173.1
2500
0.873
139.0
2.48
51.9
0.046
54.4
0.702
172.5
2600
0.873
137.6
2.37
50.4
0.047
53.8
0.703
171.8
2700
0.875
136.1
2.27
49.0
0.049
53.1
0.705
171.3
2800
0.875
134.7
2.18
47.6
0.050
52.4
0.707
170.8
2900
0.876
133.3
2.10
46.3
0.052
52.0
0.709
170.4
3000
0.878
131.9
2.02
45.0
0.053
51.0
0.711
170.0
3200
0.879
129.1
1.88
42.4
0.056
49.7
0.713
169.3
3400
0.879
126.3
1.75
39.7
0.059
48.5
0.713
168.7
3600
0.881
123.7
1.65
37.1
0.062
46.9
0.711
167.7
3800
0.882
121.0
1.55
34.4
0.064
45.0
0.708
166.3
4000
0.882
118.3
1.46
31.6
0.066
43.5
0.706
164.6
4200
0.884
115.8
1.38
28.8
0.068
41.7
0.706
162.6
4400
0.885
113.2
1.30
26.2
0.070
40.0
0.709
160.7
4600
0.886
110.6
1.22
23.5
0.072
38.3
0.712
159.0
4800
0.887
108.3
1.16
21.2
0.074
36.7
0.715
157.8
5000
0.889
106.0
1.10
18.8
0.076
34.6
0.718
156.8
5200
0.890
103.5
1.05
16.3
0.078
33.0
0.718
155.7
5400
0.892
101.3
1.00
13.8
0.080
31.0
0.717
154.1
5600
0.893
99.2
0.95
11.2
0.081
29.1
0.715
152.0
5800
0.894
97.0
0.91
8.6
0.083
27.3
0.717
149.5
6000
0.897
94.9
0.86
6.2
0.084
25.1
0.722
147.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com