Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG2002 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # HSG2002
Description  SiGe HBT High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2002 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button HSG2002 Datasheet HTML 11Page - Renesas Technology Corp HSG2002 Datasheet HTML 12Page - Renesas Technology Corp HSG2002 Datasheet HTML 13Page - Renesas Technology Corp HSG2002 Datasheet HTML 14Page - Renesas Technology Corp HSG2002 Datasheet HTML 15Page - Renesas Technology Corp HSG2002 Datasheet HTML 16Page - Renesas Technology Corp HSG2002 Datasheet HTML 17Page - Renesas Technology Corp HSG2002 Datasheet HTML 18Page - Renesas Technology Corp HSG2002 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
HSG2002
Rev.3.00 Jun 21, 2006 page 15 of 24
S Parameter
(VCE = 3 V, IC = 100 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.808
-158.0
57.02
109.1
0.0093
38.0
0.671
-133.2
200
0.843
-170.6
32.12
96.4
0.0107
31.2
0.653
-155.6
300
0.847
-176.7
21.69
90.9
0.0118
35.0
0.651
-163.8
400
0.850
179.3
16.26
87.1
0.0136
36.4
0.653
-168.0
500
0.851
176.3
12.96
84.3
0.0146
39.5
0.653
-170.8
600
0.852
173.6
10.75
81.9
0.0158
41.9
0.654
-172.7
700
0.852
171.3
9.18
79.6
0.0177
45.2
0.655
-174.3
800
0.852
169.0
7.98
77.6
0.0186
48.5
0.657
-175.5
900
0.853
166.8
7.05
75.7
0.0201
49.7
0.658
-176.7
1000
0.854
164.8
6.31
73.9
0.0220
51.0
0.661
-177.5
1100
0.856
163.0
5.71
72.1
0.0234
51.2
0.663
-178.3
1200
0.857
161.1
5.21
70.4
0.0249
52.0
0.665
-178.9
1300
0.856
159.2
4.78
68.7
0.0264
52.8
0.666
-179.5
1400
0.858
157.4
4.42
67.1
0.0283
53.8
0.668
179.9
1500
0.858
155.6
4.10
65.4
0.0298
53.8
0.670
179.4
1600
0.859
153.9
3.83
63.9
0.0315
53.5
0.672
178.9
1700
0.861
152.2
3.59
62.4
0.0329
53.6
0.672
178.5
1800
0.862
150.7
3.37
60.9
0.0347
53.7
0.673
178.0
1900
0.863
149.0
3.18
59.3
0.0359
53.1
0.674
177.5
2000
0.863
147.4
3.01
57.7
0.0378
52.8
0.674
177.0
2100
0.863
145.7
2.86
56.2
0.0390
52.5
0.675
176.4
2200
0.866
144.3
2.71
54.7
0.0405
52.1
0.675
175.8
2300
0.867
142.7
2.59
53.2
0.0421
51.7
0.677
175.2
2400
0.868
141.2
2.46
51.8
0.0436
51.3
0.678
174.6
2500
0.869
139.7
2.36
50.2
0.0452
50.7
0.680
174.0
2600
0.870
138.2
2.25
48.8
0.0462
50.2
0.681
173.4
2700
0.871
136.7
2.16
47.3
0.0480
49.5
0.684
172.9
2800
0.872
135.2
2.07
45.8
0.0491
49.1
0.686
172.3
2900
0.873
133.8
1.99
44.5
0.0503
48.7
0.689
172.0
3000
0.875
132.5
1.91
43.2
0.0518
48.0
0.690
171.6
3200
0.876
129.7
1.78
40.4
0.0548
47.2
0.693
171.0
3400
0.877
126.9
1.66
37.7
0.0574
45.8
0.693
170.3
3600
0.878
124.2
1.56
35.0
0.0599
44.5
0.692
169.4
3800
0.879
121.6
1.46
32.2
0.0617
43.0
0.689
168.1
4000
0.880
118.8
1.38
29.3
0.0643
41.4
0.688
166.3
4200
0.882
116.3
1.30
26.4
0.0666
39.7
0.688
164.3
4400
0.883
113.7
1.22
23.7
0.0680
38.1
0.691
162.4
4600
0.884
111.1
1.15
21.0
0.0701
36.7
0.696
160.8
4800
0.886
108.7
1.09
18.6
0.0719
35.3
0.700
159.6
5000
0.888
106.4
1.04
16.1
0.0741
33.2
0.703
158.6
5200
0.889
103.9
0.99
13.6
0.0761
31.8
0.703
157.5
5400
0.891
101.7
0.94
11.0
0.0780
29.8
0.702
156.0
5600
0.893
99.6
0.89
8.4
0.0797
27.8
0.701
153.8
5800
0.894
97.3
0.85
5.7
0.0810
26.3
0.703
151.4
6000
0.897
95.2
0.81
3.3
0.0817
24.2
0.709
148.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com