Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG2002 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # HSG2002
Description  SiGe HBT High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2002 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button HSG2002 Datasheet HTML 12Page - Renesas Technology Corp HSG2002 Datasheet HTML 13Page - Renesas Technology Corp HSG2002 Datasheet HTML 14Page - Renesas Technology Corp HSG2002 Datasheet HTML 15Page - Renesas Technology Corp HSG2002 Datasheet HTML 16Page - Renesas Technology Corp HSG2002 Datasheet HTML 17Page - Renesas Technology Corp HSG2002 Datasheet HTML 18Page - Renesas Technology Corp HSG2002 Datasheet HTML 19Page - Renesas Technology Corp HSG2002 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
HSG2002
Rev.3.00 Jun 21, 2006 page 16 of 24
S Parameter
(VCE = 3 V, IC = 200 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.840
-167.2
55.66
106.6
0.0060
37.6
0.689
-145.0
200
0.859
-176.0
32.64
94.3
0.0071
42.3
0.685
-162.3
300
0.860
179.7
22.09
89.6
0.0091
45.5
0.686
-168.6
400
0.861
176.6
16.56
86.4
0.0116
51.2
0.687
-171.7
500
0.862
174.0
13.20
83.9
0.0127
51.6
0.688
-173.9
600
0.862
171.7
10.95
81.7
0.0139
56.1
0.689
-175.5
700
0.862
169.6
9.35
79.7
0.0160
57.3
0.690
-176.8
800
0.862
167.5
8.14
77.8
0.0176
58.7
0.692
-177.9
900
0.863
165.5
7.20
76.1
0.0195
59.3
0.693
-178.8
1000
0.863
163.6
6.45
74.4
0.0212
60.3
0.696
-179.6
1100
0.865
161.8
5.83
72.8
0.0229
61.2
0.697
179.7
1200
0.865
160.0
5.32
71.2
0.0248
60.5
0.699
179.2
1300
0.864
158.2
4.89
69.6
0.0264
60.4
0.700
178.6
1400
0.865
156.4
4.52
68.1
0.0284
61.1
0.701
178.0
1500
0.865
154.7
4.20
66.5
0.0302
60.5
0.702
177.5
1600
0.867
153.0
3.92
65.1
0.0320
60.4
0.704
177.1
1700
0.868
151.4
3.68
63.7
0.0333
59.6
0.705
176.6
1800
0.869
149.8
3.46
62.2
0.0350
59.1
0.705
176.2
1900
0.869
148.2
3.27
60.7
0.0367
58.7
0.705
175.7
2000
0.870
146.6
3.09
59.2
0.0384
57.7
0.706
175.1
2100
0.870
145.0
2.94
57.7
0.0399
57.1
0.706
174.5
2200
0.872
143.5
2.79
56.3
0.0416
56.7
0.706
173.9
2300
0.873
141.9
2.66
54.9
0.0431
56.1
0.707
173.3
2400
0.874
140.5
2.54
53.5
0.0446
55.1
0.708
172.7
2500
0.875
139.0
2.42
52.1
0.0464
54.5
0.710
172.1
2600
0.875
137.5
2.32
50.7
0.0475
53.9
0.711
171.5
2700
0.876
136.1
2.22
49.2
0.0492
53.3
0.713
171.0
2800
0.877
134.6
2.13
47.9
0.0507
52.4
0.715
170.5
2900
0.878
133.2
2.05
46.6
0.0519
51.9
0.717
170.1
3000
0.880
131.9
1.98
45.3
0.0536
51.2
0.718
169.7
3200
0.880
129.1
1.84
42.7
0.0562
49.8
0.721
169.0
3400
0.881
126.3
1.71
40.1
0.0590
48.3
0.720
168.3
3600
0.882
123.7
1.61
37.5
0.0617
46.9
0.718
167.4
3800
0.883
121.0
1.52
34.8
0.0640
45.3
0.715
166.0
4000
0.883
118.3
1.43
31.9
0.0662
43.4
0.713
164.2
4200
0.885
115.7
1.35
29.2
0.0684
41.6
0.713
162.2
4400
0.886
113.2
1.27
26.6
0.0700
39.9
0.716
160.3
4600
0.887
110.6
1.20
23.9
0.0721
38.1
0.719
158.7
4800
0.889
108.3
1.13
21.6
0.0740
36.7
0.722
157.5
5000
0.890
106.0
1.08
19.2
0.0764
34.5
0.725
156.4
5200
0.890
103.5
1.03
16.8
0.0784
33.1
0.724
155.3
5400
0.892
101.3
0.98
14.2
0.0804
30.9
0.723
153.7
5600
0.894
99.2
0.94
11.7
0.0819
28.8
0.721
151.6
5800
0.895
96.9
0.89
9.1
0.0831
27.2
0.723
149.2
6000
0.898
94.9
0.85
6.7
0.0839
25.1
0.728
146.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com