Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG2002 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HSG2002
Description  SiGe HBT High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2002 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HSG2002 Datasheet HTML 7Page - Renesas Technology Corp HSG2002 Datasheet HTML 8Page - Renesas Technology Corp HSG2002 Datasheet HTML 9Page - Renesas Technology Corp HSG2002 Datasheet HTML 10Page - Renesas Technology Corp HSG2002 Datasheet HTML 11Page - Renesas Technology Corp HSG2002 Datasheet HTML 12Page - Renesas Technology Corp HSG2002 Datasheet HTML 13Page - Renesas Technology Corp HSG2002 Datasheet HTML 14Page - Renesas Technology Corp HSG2002 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
HSG2002
Rev.3.00 Jun 21, 2006 page 11 of 24
Condition: VCE = 3.3 V, IC = 300 mA, Zo = 50 Ω
100 to 3000 MHz (100 MHz Step)
3200 to 6000 MHz (200 MHz Step)
Condition: VCE = 3.3 V, IC = 300 mA, Zo = 50 Ω
100 to 3000 MHz (100 MHz Step)
3200 to 6000 MHz (200 MHz Step)
10
5
4
3
2
1.5
1
.8
-2
-3
-4
-5
-10
.6
.4
.2
0
-.2
-.4
-.6
-.8
-1
-1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
0°
30°
60°
90°
120°
150°
180°
-150°
-90°
-60°
-30°
-120°
30°
60°
90°
120°
150°
180°
-150°
-90°
-60°
-30°
-120°
10
5
4
3
2
1.5
1
.8
-2
-3
-4
-5
-10
.6
.4
.2
0
-.2
-.4
-.6
-.8
-1
-1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
Scale: 15 / div.
Scale: 0.02 / div.
0°
Condition: VCE = 3.3 V, IC = 300 mA, Zo = 50 Ω
100 to 3000 MHz (100 MHz Step)
3200 to 6000 MHz (200 MHz Step)
Condition: VCE = 3.3 V, IC = 300 mA, Zo = 50 Ω
100 to 3000 MHz (100 MHz Step)
3200 to 6000 MHz (200 MHz Step)
S11 Parameter vs. Frequency
S21 Parameter vs. Frequency
S12 Parameter vs. Frequency
S22 Parameter vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com