Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG2002 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # HSG2002
Description  SiGe HBT High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2002 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button HSG2002 Datasheet HTML 16Page - Renesas Technology Corp HSG2002 Datasheet HTML 17Page - Renesas Technology Corp HSG2002 Datasheet HTML 18Page - Renesas Technology Corp HSG2002 Datasheet HTML 19Page - Renesas Technology Corp HSG2002 Datasheet HTML 20Page - Renesas Technology Corp HSG2002 Datasheet HTML 21Page - Renesas Technology Corp HSG2002 Datasheet HTML 22Page - Renesas Technology Corp HSG2002 Datasheet HTML 23Page - Renesas Technology Corp HSG2002 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
HSG2002
Rev.3.00 Jun 21, 2006 page 20 of 24
S Parameter
(VCE = 3.3 V, IC = 300 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.849
-170.3
52.00
107.5
0.005
44.8
0.686
-148.4
200
0.867
-177.8
31.15
94.4
0.007
48.3
0.689
-164.1
300
0.867
178.4
21.36
89.7
0.008
52.9
0.691
-169.8
400
0.867
175.5
16.08
86.5
0.011
54.2
0.693
-172.8
500
0.868
173.2
12.84
84.1
0.012
58.7
0.694
-174.7
600
0.867
171.0
10.66
81.9
0.013
60.1
0.695
-176.2
700
0.867
169.0
9.11
79.9
0.016
62.0
0.696
-177.4
800
0.867
166.9
7.93
78.1
0.017
63.4
0.697
-178.4
900
0.868
165.0
7.02
76.4
0.019
63.4
0.699
-179.4
1000
0.868
163.1
6.29
74.7
0.021
63.8
0.701
179.9
1100
0.870
161.4
5.69
73.1
0.023
63.9
0.702
179.2
1200
0.870
159.6
5.20
71.5
0.025
63.7
0.704
178.7
1300
0.869
157.8
4.77
69.9
0.026
63.5
0.706
178.1
1400
0.870
156.1
4.42
68.4
0.028
63.5
0.706
177.5
1500
0.870
154.3
4.11
66.9
0.030
62.5
0.707
177.1
1600
0.871
152.7
3.84
65.5
0.032
62.3
0.709
176.8
1700
0.873
151.1
3.60
64.0
0.034
61.4
0.711
176.2
1800
0.873
149.5
3.38
62.6
0.035
61.1
0.710
175.7
1900
0.874
147.9
3.20
61.1
0.037
60.4
0.710
175.3
2000
0.874
146.3
3.03
59.6
0.039
59.4
0.710
174.8
2100
0.874
144.7
2.87
58.1
0.040
58.8
0.711
174.2
2200
0.876
143.3
2.73
56.7
0.042
58.2
0.712
173.6
2300
0.877
141.7
2.60
55.3
0.043
57.7
0.712
173.0
2400
0.878
140.3
2.48
53.9
0.045
56.7
0.713
172.4
2500
0.879
138.8
2.37
52.5
0.047
55.9
0.715
171.8
2600
0.879
137.3
2.27
51.1
0.048
55.2
0.716
171.2
2700
0.880
135.8
2.18
49.6
0.050
54.3
0.718
170.6
2800
0.880
134.4
2.09
48.3
0.051
53.7
0.720
170.1
2900
0.882
133.0
2.01
47.0
0.052
53.1
0.722
169.8
3000
0.883
131.7
1.94
45.7
0.054
52.3
0.723
169.3
3200
0.884
128.9
1.80
43.1
0.057
51.1
0.725
168.7
3400
0.884
126.1
1.68
40.5
0.060
49.4
0.725
168.0
3600
0.886
123.5
1.58
37.9
0.062
47.7
0.723
167.0
3800
0.886
120.8
1.49
35.3
0.064
46.1
0.720
165.7
4000
0.887
118.1
1.40
32.4
0.067
44.3
0.717
163.8
4200
0.888
115.5
1.32
29.7
0.069
42.5
0.718
161.9
4400
0.889
113.0
1.25
27.1
0.071
40.6
0.721
159.9
4600
0.890
110.4
1.18
24.5
0.073
38.9
0.724
158.3
4800
0.891
108.1
1.11
22.2
0.075
37.5
0.727
157.1
5000
0.892
105.8
1.06
19.8
0.077
35.2
0.729
156.0
5200
0.893
103.3
1.01
17.5
0.079
33.6
0.729
154.9
5400
0.895
101.1
0.96
14.9
0.081
31.5
0.727
153.3
5600
0.897
99.0
0.92
12.4
0.083
29.4
0.725
151.2
5800
0.897
96.7
0.87
9.8
0.084
27.6
0.727
148.7
6000
0.900
94.7
0.83
7.4
0.085
25.5
0.732
146.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com