Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG2002 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # HSG2002
Description  SiGe HBT High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2002 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button HSG2002 Datasheet HTML 14Page - Renesas Technology Corp HSG2002 Datasheet HTML 15Page - Renesas Technology Corp HSG2002 Datasheet HTML 16Page - Renesas Technology Corp HSG2002 Datasheet HTML 17Page - Renesas Technology Corp HSG2002 Datasheet HTML 18Page - Renesas Technology Corp HSG2002 Datasheet HTML 19Page - Renesas Technology Corp HSG2002 Datasheet HTML 20Page - Renesas Technology Corp HSG2002 Datasheet HTML 21Page - Renesas Technology Corp HSG2002 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
HSG2002
Rev.3.00 Jun 21, 2006 page 18 of 24
S Parameter
(VCE = 3.3 V, IC = 100 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.800
-158.5
58.96
110.0
0.011
36.5
0.661
-132.4
200
0.839
-170.4
32.67
96.8
0.011
27.3
0.647
-155.2
300
0.846
-176.6
22.02
91.1
0.012
30.4
0.645
-163.5
400
0.849
179.5
16.50
87.3
0.014
37.9
0.646
-167.8
500
0.850
176.4
13.15
84.5
0.015
41.2
0.647
-170.6
600
0.851
173.7
10.90
82.0
0.016
43.8
0.648
-172.5
700
0.851
171.4
9.30
79.7
0.018
45.5
0.649
-174.0
800
0.852
169.1
8.09
77.6
0.019
47.7
0.651
-175.3
900
0.852
166.9
7.15
75.7
0.020
49.9
0.652
-176.4
1000
0.853
164.9
6.40
73.9
0.022
50.4
0.655
-177.3
1100
0.855
163.0
5.79
72.1
0.023
51.7
0.657
-178.0
1200
0.856
161.2
5.28
70.4
0.025
52.4
0.660
-178.7
1300
0.855
159.3
4.84
68.7
0.027
52.9
0.661
-179.3
1400
0.857
157.5
4.48
67.0
0.028
54.0
0.663
-179.9
1500
0.857
155.7
4.16
65.4
0.030
54.5
0.665
179.6
1600
0.859
153.9
3.88
63.8
0.031
53.9
0.666
179.1
1700
0.860
152.3
3.63
62.4
0.033
53.4
0.666
178.7
1800
0.860
150.7
3.42
60.8
0.034
53.6
0.668
178.2
1900
0.862
149.0
3.23
59.2
0.036
53.1
0.668
177.8
2000
0.863
147.4
3.05
57.6
0.038
52.8
0.669
177.2
2100
0.863
145.8
2.89
56.1
0.039
52.6
0.669
176.6
2200
0.865
144.3
2.75
54.5
0.041
52.5
0.671
176.0
2300
0.866
142.7
2.62
53.1
0.042
52.0
0.671
175.5
2400
0.867
141.3
2.50
51.6
0.043
51.1
0.673
174.9
2500
0.869
139.7
2.39
50.1
0.045
50.6
0.675
174.2
2600
0.869
138.3
2.28
48.6
0.046
50.1
0.676
173.6
2700
0.870
136.7
2.19
47.1
0.048
49.9
0.679
173.1
2800
0.871
135.3
2.10
45.7
0.049
49.3
0.681
172.6
2900
0.872
133.9
2.01
44.3
0.050
48.7
0.684
172.3
3000
0.874
132.5
1.94
43.0
0.052
48.0
0.685
171.9
3200
0.875
129.7
1.80
40.2
0.054
47.0
0.689
171.3
3400
0.876
126.9
1.68
37.5
0.057
46.0
0.689
170.6
3600
0.878
124.3
1.57
34.8
0.060
44.7
0.688
169.7
3800
0.879
121.6
1.48
32.0
0.062
42.9
0.685
168.4
4000
0.880
118.8
1.39
29.0
0.064
41.6
0.683
166.6
4200
0.882
116.3
1.31
26.2
0.066
39.9
0.684
164.6
4400
0.883
113.7
1.24
23.5
0.068
38.2
0.687
162.7
4600
0.884
111.1
1.17
20.7
0.070
36.7
0.692
161.1
4800
0.886
108.8
1.10
18.3
0.072
35.2
0.696
159.9
5000
0.888
106.5
1.05
15.8
0.074
33.4
0.700
158.9
5200
0.889
104.0
1.00
13.4
0.076
31.9
0.700
157.8
5400
0.891
101.8
0.95
10.7
0.078
29.9
0.699
156.2
5600
0.893
99.6
0.90
8.1
0.080
28.0
0.697
154.2
5800
0.894
97.3
0.86
5.5
0.081
26.3
0.700
151.7
6000
0.897
95.3
0.82
3.0
0.082
24.2
0.706
149.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com